データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH74ZAD-R

  • AI
    The **MEH74ZAD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are widely used in power management circuits to store energy and filter noise. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (commonly associated with brands like **SAGAMI** or **Mag.Layers**), the general characteristics for the MEH74 series are outlined below: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Dimensions** | Approx. 7.3mm x 7.3mm x 4.5mm | | **Inductance Range** | Typically 1.0µH to 100µH (depending on specific code) | | **Core Material** | Ferrite | | **Shielding** | Magnetic Shielded construction (Low EMI) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Breakdown of the Part Number Though naming conventions vary, the "MEH74ZAD-R" usually follows this logic: * **MEH:** Series identifier (High-current, shielded power inductor). * **74:** Physical size (7.0 x 7.0 mm footprint, approx. 4.0 mm height). * **ZAD:** Specific material or winding designator (often indicating low DC resistance). * **-R:** RoHS Compliant / Lead-Free. --- ### 3. Core Functions The MEH74ZAD-R serves several critical roles in an electronic assembly: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle. 2. **Noise Filtration:** It acts as a low-pass filter to smooth out ripple current and reduce electromagnetic interference (EMI). 3. **Magnetic Shielding:** The "Shielded" design prevents the magnetic field from interfering with neighboring sensitive components on the PCB. --- ### 4. Common Applications This part is frequently found in high-efficiency power supplies for: * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Telecommunications:** Network routers and base stations. * **Industrial:** DC-DC converter modules and LED drivers. --- ### 5. Selection Considerations When replacing or designing with this part, engineers look at: * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage. * **Irms (Heating Current):** The current that causes a specific temperature rise (usually 40°C). * **DCR (DC Resistance):** Lower DCR leads to higher efficiency and less heat generation.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the MEH74ZAD-R version?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?
    • ⤷ Are there equivalent alternatives from brands like TDK or Coilcraft?