データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH76XBA-R

  • AI
    The **MEH76XBA-R** is a high-performance **Brushless DC (BLDC) Motor** part number, typically associated with cooling solutions for enterprise-grade hardware such as servers, networking equipment, and industrial power supplies. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics typical for this component: | Feature | Specification | |:---|:---| | **Motor Type** | Brushless DC (BLDC) | | **Nominal Voltage** | 12V DC | | **Current Consumption** | High-amperage (Typical range 1.5A - 3.0A) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Interface** | 4-Wire (Power, Ground, Tachometer, PWM) | | **Frame Size** | High-pressure vane axial design | --- ### 2. Core Electronic Components The "electronics" of the MEH76XBA-R refer to the internal PCB (Printed Circuit Board) housed within the motor hub. Key components include: #### A. Integrated Circuit (IC) Driver The motor uses a specialized **CMOS Driver IC** that handles the electronic commutation. Unlike brushed motors, this IC detects the position of the rotor and switches the electromagnetic coils in the correct sequence. #### B. PWM Control Logic The "R" suffix often denotes specific control features: * **Pulse Width Modulation (PWM):** Allows the system to control the fan speed (RPM) precisely by modulating the duty cycle. * **Tachometer Output (FG Signal):** Sends a frequency signal back to the motherboard to monitor real-time speed and detect fan failure. #### C. Protection Circuitry To ensure industrial reliability, the internal electronics include: * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped. * **Soft Start:** Gradually increases current during startup to reduce electronic stress on the power supply. --- ### 3. Pinout Configuration Standard 4-wire configuration for this class of electronic part: 1. **Black:** Ground (GND) 2. **Red:** Power (+12V) 3. **Yellow/White:** Tachometer (Frequency Generator signal) 4. **Blue:** PWM Control (Speed input) --- ### 4. Applications Due to the high static pressure and electronic efficiency, these parts are used in: * **1U/2U Servers:** High-density cooling. * **Cryptocurrency Miners:** Continuous high-speed operation. * **Industrial Inverters:** Cooling for high-power transistors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for the MEH76XBA-R?
    • ⤷ How does the PWM signal specifically adjust the speed of this BLDC motor?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this part?