データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH78ZBD-R

  • AI
    The **MEH78ZBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is part of a series often utilized in power management circuits where high current handling and compact footprints are required. --- ## 1. Technical Specifications Below are the typical technical parameters associated with the MEH78ZBD-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Varies (e.g., 1.0µH to 100µH depending on exact sub-code) | | **Shielding** | Magnetic Shielded Construction | | **Core Material** | Ferrite | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Features ### A. Magnetic Shielding The "ZBD" designation often refers to a structure that minimizes electromagnetic interference (EMI). This is crucial for high-density PCB layouts where components are placed close together, preventing the inductor's magnetic field from affecting neighboring traces. ### B. High Current Saturation The internal winding and ferrite core are designed to handle significant DC currents without the inductance value dropping sharply (saturation). This makes it ideal for DC-DC converter applications. ### C. Low DC Resistance (DCR) The part is engineered to have low internal resistance, which reduces power loss (heat) and improves the overall efficiency of the power supply. --- ## 3. Typical Applications The MEH78ZBD-R is commonly found in the following electronic environments: * **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. * **Consumer Electronics:** Power stages for laptops, tablets, and smartphones. * **Industrial Power Supplies:** Providing stable current filtration for sensors and controllers. * **Automotive Systems:** In infotainment or non-safety critical power modules (if AEC-Q200 qualified). --- ## 4. Physical Dimensions (Reference) The "78" in the part number often relates to the physical size of the component: * **Footprint:** Approximately 7.0mm x 7.0mm. * **Height:** Usually around 4.5mm to 5.0mm (standard for the 78 series). ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the MEH78ZBD-R?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?
    • ⤷ Are there pin-compatible alternatives from other manufacturers?