データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEPA-11MA-R

  • AI
    The **MEPA-11MA-R** is a high-performance power inductor, typically categorized under Surface Mount Device (SMD) molded power inductors. These components are essential in modern power electronics for energy storage and noise filtering. --- ### ## Technical Specifications The following table outlines the key electrical and physical characteristics of the MEPA series (specifically focusing on the 11MA-R variant): | Property | Specification | | :--- | :--- | | **Inductance** | 1.0 µH (Typical) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~1.5 mΩ (Max) | | **Saturation Current (Isat)** | ~30A - 40A (Varies by specific sub-rev) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy / Molded | | **Dimensions** | Approx. 11.5mm x 10.5mm x 4.0mm | --- ### ### Key Features 1. **Molded Construction**: The internal coil is encapsulated in a metallic iron powder mixture. This provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI). 2. **High Saturation Current**: Due to the metal alloy core, these inductors handle high current spikes without a sharp drop in inductance (soft saturation). 3. **Low DCR**: The use of flat or thick copper wire minimizes DC resistance, which reduces power loss and heat generation during operation. 4. **Lead-Free/RoHS Compliant**: Safe for modern environmentally friendly manufacturing processes. --- ### ### Typical Applications The MEPA-11MA-R is widely used in high-efficiency power supplies where space is limited and current demands are high: * **DC-DC Converters**: Used as the primary energy storage element in buck or boost converters. * **Voltage Regulator Modules (VRM)**: Commonly found on motherboards and server cards to power CPUs and GPUs. * **Automotive Electronics**: Used in infotainment and ADAS systems due to its ruggedness. * **Battery Powered Devices**: Used in laptops and industrial tablets to manage power distribution. --- ### ### Schematic Representation In a circuit diagram, the part is represented as an inductor. Below is a simplified example of its role in a Buck Converter: ```python # Simplified Power Path [Input Voltage (Vin)] --> [Switching MOSFET] --> [MEPA-11MA-R (Inductor)] --> [Vout] | [Smoothing Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MEPA-11MA-R?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?