データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEPF-11P2-R

  • AI
    The **MEPF-11P2-R** is a specific electronic hardware component, typically identified as a **high-current Power Inductor** (often associated with manufacturers like Chilisin or similar power electronic component providers). These parts are critical in DC-DC converters and power management modules. --- ### 1. Component Overview The MEPF series belongs to the family of **Molded Power Inductors**. These are designed to handle high saturation currents while maintaining a compact surface-mount (SMD) footprint. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (Molded) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Carbonyl Iron / Metal Alloy Powder | | **Shielding** | Magnetically Shielded (Low EMI) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Characteristics The "11P2" in the part number usually refers to the physical dimensions (approximately 11mm x 11mm). Below are the typical electronic behaviors of this part: * **Low DCR (DC Resistance):** It uses flat wire or thick copper windings to minimize power loss due to heat. * **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy mold, it does not have a "hard" saturation point. This means it can handle spikes in current without the inductance dropping to zero instantly. * **Low Acoustic Noise:** The molded construction encapsulates the coil, reducing the "buzzing" sound caused by magnetostriction. * **Operating Frequency:** Optimized for high-frequency switching regulators (typically up to 5MHz). --- ### 3. Pinout and Physical Structure While inductors are non-polar (they can be placed in either direction), the physical structure of the MEPF-11P2-R is optimized for stability: ```text Top View ________________ | | | Marking | <-- (e.g., R47 for 0.47uH) | Code | |________________| [Pad 1] [Pad 2] <-- Large solder pads for high current ``` --- ### 4. Common Applications These parts are found in demanding power circuits where efficiency and space are priorities: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supplies. 2. **Industrial Power Supplies:** For high-efficiency DC-DC converters. 3. **Automotive Electronics:** Infotainment and ADAS systems (if grade-rated). 4. **Battery Powered Devices:** Where low DCR helps extend battery life. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the R47 vs 1R0 version of this series?
    • ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
    • ⤷ What are the thermal limits for the MEPF-11P2-R during peak load?