データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEWT-31F-R

  • AI
    ## MEWT-31F-R: Electronic Component Overview The **MEWT-31F-R** is an electronic component primarily classified as a **Magnetic Transducer (Buzzer)**. These are widely used in consumer electronics, automotive alerts, and industrial panels to provide audible feedback. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics for this specific series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5V - 3.0V DC | | **Operating Voltage** | 1.0V ~ 5.0V DC | | **Rated Current** | Max 30mA - 80mA (depending on drive) | | **Coil Resistance** | 16Ω ± 15% (Typical) | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2,048 Hz - 2,700 Hz | | **Mounting Type** | Through-hole (Pins) | | **Operating Temperature** | -20°C to +70°C | --- ### Core Electronic Characteristics 1. **Electromagnetic Mechanism**: Unlike piezo buzzers which use crystals, the MEWT-31F-R uses a coil and a magnet. When an alternating current passes through the coil, it creates a fluctuating magnetic field that moves a metal diaphragm to produce sound. 2. **External Drive Requirement**: This is a **transducer**, not an "indicator." It does not have internal circuitry to generate a tone. To make it sound, you must provide a square wave (PWM) signal from a microcontroller (like an Arduino) at its resonant frequency. 3. **Low Impedance**: With a coil resistance typically around 16 to 42 ohms, it draws more current than a piezo. It usually requires a **transistor-driven circuit** (like an NPN transistor) because most microcontroller pins cannot safely provide the required current directly. --- ### Basic Application Circuit To safely operate the MEWT-31F-R, a simple switching circuit is used to prevent damaging the logic controller: ```cpp // Example: Arduino tone generation void setup() { pinMode(9, OUTPUT); // Connect to Transistor Base } void loop() { tone(9, 2048); // Generate 2048Hz square wave delay(500); noTone(9); delay(500); } ``` --- ### Key Usage Considerations * **Polarity**: These components are polarized. Ensure the "+" mark on the casing matches the positive side of your circuit. * **Flyback Diode**: Because it contains a coil (inductor), it is best practice to place a diode (like a 1N4148) in parallel with the buzzer to protect your circuit from voltage spikes when the signal is turned off.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer?
    • ⤷ How do I calculate the specific resistor value for the transistor base in this circuit?
    • ⤷ Can this part be used for playing complex melodies or just simple beeps?