データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEWT-331-R

  • AI
    The **MEWT-331-R** is a specific electronic component, typically categorized as a **Micro-Electromagnetic Transducer** (Buzzer/Audio Indicator). These parts are commonly used in telecommunications, medical equipment, and consumer electronics to provide audible feedback. --- ## 1. Technical Specifications The MEWT-331-R is designed for Surface Mount Technology (SMT) and operates on electromagnetic principles. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Drive Type** | External Drive (Requires circuitry) | | **Operating Voltage** | 3.0V - 5.0V (Vp-p) | | **Rated Current** | Max 80 - 100 mA | | **Resonant Frequency** | ~2700 Hz to 3100 Hz | | **Sound Pressure Level** | ≥ 85 dB at 10cm | | **Operating Temp** | -30°C to +70°C | --- ## 2. Internal Electronic Construction The device consists of several key electronic and mechanical elements: 1. **Voice Coil:** A fine copper wire coil that generates a magnetic field when current passes through it. 2. **Permanent Magnet:** Provides a static magnetic field to interact with the coil's field. 3. **Vibrating Diaphragm:** A metal disk (usually iron or an alloy) that reacts to the magnetic fluctuations, physically moving to create sound waves. 4. **Housing/Case:** Usually made of heat-resistant plastic (LCP or PPS) to withstand reflow soldering temperatures. --- ## 3. Circuit Integration Unlike "indicators" (which beep when power is applied), the **MEWT-331-R is a transducer**. This means it requires an external oscillating signal to function. ### Typical Driving Circuit To drive this component, a transistor-based switching circuit is generally used to handle the current requirements from a Microcontroller (MCU). ```cpp // Example: Driving logic for a PWM signal // Frequency should match the resonant frequency (e.g., 2730Hz) void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2730); // Generate 2730Hz square wave delay(500); noTone(BUZZER_PIN); delay(500); } ``` --- ## 4. Key Design Considerations * **Polarity:** Most MEWT models are polarized. Ensure the positive (+) terminal is connected correctly to the driving transistor. * **Back-EMF Protection:** Since it contains an inductive coil, it is recommended to place a **Flyback Diode** in parallel with the transducer to protect the driving transistor from voltage spikes. * **Acoustic Port:** Ensure the hole on the top of the casing is not obstructed by labels or other PCB components, as this will significantly muffle the sound. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an external drive and an internal drive buzzer?
    • ⤷ How do I calculate the flyback diode value for this component?
    • ⤷ What are the footprint dimensions for soldering the MEWT-331-R on a PCB?