データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-FSHT-LAB

  • AI
    The **MF-FSHT-LAB** typically refers to a specialized Laboratory Kit or development platform centered around **Flexible Surface Heater (FSH)** technology, often produced by manufacturers like Bourns (using their MF-FSHT series of Resettable Thermal Devices). These components are critical in applications requiring precise temperature management, overcurrent protection, and flexible form factors. --- ## 1. Core Electronic Components The "parts" of this lab kit or series generally focus on **PPTC (Polymeric Positive Temperature Coefficient)** technology. | Component Type | Function | Key Feature | | :--- | :--- | :--- | | **Resettable Fuse (PPTC)** | Overcurrent and overtemperature protection. | Automatically resets after the fault is cleared and power is cycled. | | **Flexible Heater Elements** | Provides controlled thermal energy to a surface. | Thin-film construction allowing for curved surface application. | | **SMD Terminals** | Electrical interface for PCB mounting. | High-temperature solder compatibility. | | **Thermal Sensors** | Monitors real-time temperature feedback. | High sensitivity to localized heat spikes. | --- ## 2. Technical Specifications of the MF-FSHT Series The "FSHT" designation specifically points to **High-Temperature** variants of resettable devices. These are engineered to operate in environments where standard electronics might fail. ### Key Electronic Attributes: * **Operating Temperature:** Typically rated up to **125°C** or higher. * **Hold Current ($I_{hold}$):** The maximum current the device can carry without tripping. * **Trip Current ($I_{trip}$):** The current level at which the device switches to a high-resistance state. * **Voltage Rating ($V_{max}$):** Usually ranges from 6V to 30V depending on the specific SMD size (e.g., 0603, 1206, or 1210). --- ## 3. How the "Lab" Components Work In a laboratory or prototyping context, these parts are used to test **Thermal Management Circuits**. ### The Tripping Mechanism 1. **Normal State:** The polymer contains conductive carbon chains, allowing current to flow with low resistance. 2. **Fault State:** If current exceeds limits or ambient temperature rises too high, the polymer expands. 3. **High Resistance:** The carbon chains break contact, increasing resistance exponentially and "choking" the current flow to protect the circuit. 4. **Reset:** Once the heat dissipates, the polymer contracts, and the conductive path is restored. --- ## 4. Application Areas * **Automotive:** Protecting sensors located near the engine or exhaust. * **Industrial:** Heat tracing and motor protection in high-ambient heat zones. * **Wearables:** Flexible heating elements for medical or smart clothing.
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between MF-FSHT and standard MF-R series fuses?
    • ⤷ How do you calculate the derating factor for these parts at 100°C?
    • ⤷ Can these components be used for constant heating applications or only for protection?