データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R020

  • AI
    ## MF-R020 Electronic Component Overview The **MF-R020** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** device, commonly known as a resettable fuse. It is manufactured by **Bourns** as part of their Multifuse® product line. --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.20 Amperes (200mA) | | **Trip Current ($I_{trip}$)** | 0.40 Amperes (400mA) | | **Maximum Voltage ($V_{max}$)** | 60 Volts | | **Maximum Current ($I_{max}$)** | 40 Amperes | | **Typical Power ($P_d$)** | 0.41 Watts | | **Mounting Type** | Through-Hole (Radial Lead) | --- ### How it Works The MF-R020 acts as a protection circuit against overcurrent conditions: 1. **Normal State:** Under normal operating currents (below 200mA), the device maintains a low resistance, allowing current to flow freely to the load. 2. **Trip State:** If the current exceeds the trip threshold (400mA), the internal polymer heats up rapidly. This causes the polymer to expand and its resistance to increase significantly (by several orders of magnitude). 3. **Reset State:** Once the fault is removed and the device cools down, the polymer contracts, and the resistance returns to a low state. Unlike a traditional fuse, it does **not** need to be replaced after an event. ### Key Features and Applications * **Radial Leaded:** The "R" in the part number indicates a radial leaded package, which is ideal for standard PCB through-hole mounting. * **Safety Agency Recognition:** Usually UL, CSA, and TUV certified for safety. * **Common Applications:** * USB port protection. * Low voltage power supplies. * Medical equipment. * Industrial controls. * Security systems. --- ### Comparison: MF-R020 vs. Traditional Fuse | Feature | MF-R020 (PPTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Reusability** | Resettable (Automatic) | One-time use (Must replace) | | **Resistance** | Higher | Very Low | | **Trip Speed** | Slower (Thermal based) | Faster (Melting based) | | **Cost** | Higher per unit | Lower per unit |
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in PPTC devices?
    • ⤷ How do ambient temperatures affect the performance of the MF-R020?
    • ⤷ Can the MF-R020 handle AC voltage or is it strictly DC?