データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R030

  • AI
    The **MF-R030** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured primarily by **Bourns**. It is used for overcurrent protection in electronic circuits. --- ## 1. Technical Specifications The "030" in the part number indicates its holding current capacity. Below are the primary electrical characteristics for the MF-R030: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.30 A | Maximum current the device will pass without tripping at 23°C. | | **$I_{trip}$** | 0.60 A | Minimum current at which the device will switch to a high-resistance state. | | **$V_{max}$** | 60 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. | | **$P_d$** | 0.47 W | Power dissipated when the device is in its tripped state. | | **$R_{min}$** | 0.70 $\Omega$ | Minimum resistance in the initial (on) state. | | **$R1_{max}$** | 1.90 $\Omega$ | Maximum resistance measured one hour after tripping. | --- ## 2. How it Works (Theory of Operation) The MF-R030 is a "resettable" fuse, meaning it does not need to be replaced after a fault, unlike a traditional wire fuse. 1. **Normal State:** The conductive polymer contains carbon black particles that form a conductive path. Resistance is very low. 2. **Fault State (Overcurrent):** When current exceeds $I_{trip}$, $I^2R$ heating causes the polymer to expand. 3. **High Resistance:** The expansion breaks the carbon chains, causing the resistance to increase exponentially. This effectively "opens" the circuit, limiting the current to a leakage level. 4. **Reset:** Once the power is removed and the device cools down, the polymer contracts, the carbon paths reconnect, and the device returns to a low-resistance state. --- ## 3. Physical Features & Construction * **Package Type:** Radial Leaded (Through-hole). * **Encapsulation:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements). * **Lead Material:** Tin-plated copper. * **Visual ID:** Usually a small, circular or rectangular brown/yellow disc with "R030" printed on the body. --- ## 4. Typical Applications The MF-R030 is commonly found in low-voltage environments where maintenance access is difficult or where "nuisance" trips might occur. * **USB Port Protection:** Protecting against shorts in peripheral devices. * **PC Motherboards:** Guarding I/O ports. * **Transformers:** Thermal protection and secondary side overcurrent. * **Medical Equipment:** Low-voltage safety circuits. * **Industrial Controls:** Protecting sensors and PLC inputs. --- ## 5. Typical Circuit Diagram In a standard configuration, the PPTC is placed in series with the load. ```text [Vcc] ---- [MF-R030] ---- [Load] ---- [GND] | (Protector) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in PPTC fuses?
    • ⤷ How does ambient temperature affect the performance of the MF-R030?
    • ⤷ Can the MF-R030 be used in AC voltage circuits?