データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R050

  • AI
    ## MF-R050 Electronic Component Overview The **MF-R050** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is commonly referred to as a "multifuse" or "polyfuse." ### 1. Key Specifications The following table outlines the primary electrical characteristics of the MF-R050: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.50 Amps | Maximum current the device will pass without tripping. | | **$I_{trip}$** | 1.00 Amps | Minimum current at which the device will switch to high resistance. | | **$V_{max}$** | 60 Volts | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 Amps | Maximum fault current the device can safely handle. | | **$P_{d}$** | 0.77 Watts | Typical power dissipated when in a tripped state. | | **Rmin / R1max** | 0.32 / 1.17 $\Omega$ | Resistance range (initial minimum to post-trip maximum). | --- ### 2. Functional Principles The MF-R050 acts as a protection layer for electronic circuits. Unlike a standard fuse that blows and must be replaced, the PPTC "resets" itself once the fault is cleared and the temperature drops. * **Normal State:** The conductive polymer allows current to flow with very low resistance. * **Trip State:** During an overcurrent or over-temperature event, the polymer heats up and expands. This breaks the conductive chains, causing the resistance to spike dramatically, limiting the current to a safe leakage level. * **Recovery:** Once the power is removed and the device cools down, the polymer contracts, the conductive paths reform, and the device returns to a low-resistance state. ### 3. Physical Attributes and Applications * **Package Type:** Radial Leaded (Through-hole). * **Material:** Lead-free and RoHS compliant. * **Common Uses:** * USB port protection. * PC motherboards and peripherals. * General electronics power supplies. * Industrial controls. ### 4. Typical Time-to-Trip The MF-R050 is designed to trip relatively quickly to protect sensitive components. At **2.5 Amps** (5x the hold current), the typical time-to-trip is approximately **4.0 seconds**. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a PPTC and a standard thermal fuse?
    • ⤷ How does ambient temperature affect the $I_{hold}$ rating of the MF-R050?
    • ⤷ Can the MF-R050 be used in AC voltage applications?