データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R110

  • AI
    ## MF-R110: Electronic Component Overview The **MF-R110** is a specific model of **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured primarily by Bourns. It is commonly referred to as a "Polyswitch" or "Resettable Fuse." --- ### 1. Key Technical Specifications The MF-R110 is designed to protect circuits from overcurrent conditions. Below are its primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 1.10 Amperes | | **Trip Current ($I_{trip}$)** | 2.20 Amperes | | **Maximum Voltage ($V_{max}$)** | 60 Volts (DC or AC) | | **Maximum Current ($I_{max}$)** | 40 Amperes | | **Power Dissipation ($P_d$)** | 1.5 Watts (Typical) | | **Resistance ($R_{min} / R_{max}$)** | 0.15 $\Omega$ / 0.25 $\Omega$ | | **Packaging Style** | Radial Leaded (Through-hole) | --- ### 2. How It Works (The PTC Effect) The MF-R110 functions as a non-linear thermistor. Its operation can be broken down into three phases: 1. **Normal State:** Under the hold current (1.1A), the device maintains a low resistance, allowing current to flow to the load with minimal loss. 2. **Tripped State:** When a fault occurs and current exceeds 2.2A, the internal polymer heats up rapidly. The polymer expands, breaking the conductive chains of carbon black, and the resistance increases by several orders of magnitude. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. The device "resets" itself without needing replacement. --- ### 3. Physical Dimensions and Construction The MF-R110 is easily recognizable by its **yellow or orange flame-retardant epoxy coating** and disk-like shape. * **Lead Material:** Tin-plated copper. * **Marking:** Usually marked with "B" (for Bourns), "R110", and a date code. * **Operating Temperature:** Typically rated for $-40^\circ\text{C}$ to $+85^\circ\text{C}$. --- ### 4. Common Applications Because it does not need to be replaced after a surge, the MF-R110 is ideal for: * **Power Supplies:** Protecting against output short circuits. * **USB Ports:** Shielding computer peripherals from drawing too much power. * **Industrial Controls:** Protecting sensors and actuators. * **Security Systems:** Preventing damage during wiring errors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for the MF-R110?
    • ⤷ How does temperature affect the performance of this resettable fuse?
    • ⤷ Can the MF-R110 be used in AC mains voltage applications?