データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R160

  • AI
    The **MF-R160** is a specific model of **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured primarily by **Bourns**. It is used in electronic circuits to protect against overcurrent conditions. --- ### 1. Technical Specifications The table below summarizes the key electrical characteristics of the MF-R160: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Ihold** | 1.60 Amps | Maximum current the device will pass without tripping. | | **Itrip** | 3.20 Amps | Minimum current at which the device will switch to high resistance. | | **Vmax** | 60 Volts | Maximum voltage the device can withstand without damage. | | **Imax** | 40 Amps | Maximum fault current the device can safely handle. | | **Pd (typ.)** | 0.9 Watts | Typical power dissipated when in the tripped state. | | **Rmin / Rmax** | 0.09 / 0.22 $\Omega$ | Resistance range of the device before tripping. | --- ### 2. How it Works (PPTC Theory) The MF-R160 is a "resettable" fuse, which differs significantly from standard one-time thermal fuses: 1. **Normal State:** The conductive polymer contains carbon black particles that form a path for current. Resistance is very low. 2. **Overcurrent Event:** If the current exceeds the trip point, the polymer heats up due to $I^2R$ (Joule heating). 3. **Tripped State:** As it heats, the polymer expands, breaking the carbon chains. The resistance spikes dramatically, reducing current flow to a "trickle." 4. **Resetting:** Once the fault is removed and the power is cycled, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### 3. Physical Attributes * **Package Style:** Through-hole (Radial Lead). * **Material:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0). * **Identification:** Usually marked with "MF-R160" and a date code. --- ### 4. Common Applications The MF-R160 is versatile due to its 60V rating, making it suitable for: * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Safeguarding PLC I/O ports. * **Power Supplies:** Secondary protection for transformers and DC power rails. * **Telecommunications:** Protection against line surges or short circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Ihold and Itrip in a PPTC?
    • ⤷ How does ambient temperature affect the performance of the MF-R160?
    • ⤷ Can the MF-R160 be used for mains AC voltage protection?