データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R30

  • AI
    The **MF-R30** is a specific model of a **Resettable Fuse**, part of the Multifuse® line manufactured by Bourns. Technically, it is a **Polymeric Positive Temperature Coefficient (PPTC)** device. --- ## 1. Technical Specifications The "30" in MF-R30 typically indicates a hold current of 0.3 Amps (300mA). Below are the core technical parameters: | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.30 A | | **Trip Current ($I_{trip}$)** | 0.60 A | | **Max Voltage ($V_{max}$)** | 60 V | | **Max Current ($I_{max}$)** | 40 A | | **Typical Power ($P_d$)** | 0.5 Watts | | **Mounting Type** | Through-Hole (Radial Lead) | --- ## 2. How it Works (PPTC Mechanism) Unlike a standard one-time fuse that blows and must be replaced, the MF-R30 "resets" itself after the fault is cleared. 1. **Normal State:** The device has very low resistance, allowing current to flow to the circuit. 2. **Fault State (Overcurrent):** When current exceeds the trip threshold, internal heating causes the polymer matrix to expand. 3. **High Resistance:** The expansion breaks the conductive chain, causing resistance to spike dramatically. This limits the current to a safe, minimal level. 4. **Reset:** Once power is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse returns to a low-resistance state. --- ## 3. Physical Construction The MF-R30 is easily identifiable by its physical characteristics: * **Body:** Usually a circular or rectangular disc coated in yellow or tan flame-retardant epoxy. * **Leads:** Two radial tin-plated copper leads for through-hole PCB mounting. * **Marking:** Typically marked with the Bourns logo and "R030" or "R30". --- ## 4. Common Applications Because it handles up to 60V and resets automatically, it is commonly used in: * **Security Systems:** Protecting sensors and control panels. * **Medical Equipment:** Safeguarding sensitive electronics from power surges. * **Industrial Controls:** Protecting I/O ports and power supplies. * **Computer Peripherals:** USB ports and plug-and-play interfaces. --- ## 5. Comparison: PPTC vs. Traditional Fuse | Feature | MF-R30 (PPTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Reusability** | Resettable many times | One-time use only | | **Response Speed** | Slower (Thermal based) | Faster (Melting based) | | **Resistance** | Higher initial resistance | Very low resistance | | **Failure Mode** | High resistance state | Open circuit (physical break) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for the MF-R30?
    • ⤷ Does the MF-R30 require a manual reset after a trip event?
    • ⤷ What are the temperature limitations of the MF-R series?