データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-R500

  • AI
    ### MF-R500 Technical Overview The **MF-R500** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured by Bourns. These components are commonly used for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, the MF-R500 "resets" once the fault is cleared and the power is cycled. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MF-R500: | Parameter | Specification | Description | |:---|:---|:---| | **Hold Current ($I_{hold}$)** | 5.0 Amps | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 10.0 Amps | The minimum current at which the device will switch to high resistance. | | **Voltage Max ($V_{max}$)** | 30 Volts | Maximum voltage the device can withstand without damage. | | **Current Max ($I_{max}$)** | 100 Amps | The maximum fault current the device can safely interrupt. | | **Resistance ($R_{min}/R_{max}$)** | 0.01 – 0.05 $\Omega$ | Initial resistance range at 23°C. | | **Package Type** | Radial Leaded | Through-hole mounting style. | --- ### 2. How it Works (The PTC Effect) The MF-R500 is made of a conductive polymer composite. Under normal operating conditions, the conductive particles form a low-resistance path. 1. **Overcurrent Event:** When current exceeds the limits (approaching 10A), the device generates internal heat ($I^2R$). 2. **Phase Change:** The heat causes the polymer to expand. 3. **High Resistance:** As it expands, the conductive chains break, increasing resistance exponentially and reducing the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, re-establishing the conductive paths. --- ### 3. Applications The MF-R500 is typically found in high-current low-voltage environments: * **Power Supplies:** Protection against short circuits in output stages. * **Motor Control:** Protecting small DC motors from stall conditions. * **Battery Packs:** Preventing fire hazards during cell imbalances or shorts. * **Industrial Controls:** Protecting I/O ports and sensitive controllers. --- ### 4. Circuit Diagram Representation In a schematic, it is represented as a resistor with a diagonal line or a square "S" symbol, usually labeled "F" or "PTC". ```text MF-R500 [IN]----[ |~| ]----[LOAD]----[GND] PTC ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between hold current and trip current in a PTC fuse?
    • ⤷ How does ambient temperature affect the performance of the MF-R500?
    • ⤷ What are the common failure modes of resettable fuses?