データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-RX

  • AI
    The **MF-RX Series** refers to a popular family of **Radial Leaded PPTC (Polymeric Positive Temperature Coefficient)** resettable fuses, primarily manufactured by Bourns. These components are essential for overcurrent protection in electronic circuits. --- ## 1. Core Technology: PPTC Unlike traditional one-time fuses that melt and break the circuit permanently, a PPTC device is "resettable." * **Composition:** It consists of a non-conductive polymer matrix mixed with conductive carbon black particles. * **Cold State:** The particles form chains, allowing current to flow with low resistance. * **Tripped State:** When excessive current flows, the polymer heats up and expands. This breaks the carbon chains, causing the resistance to spike dramatically, effectively "opening" the circuit. * **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the chains reconnect, and the device returns to a low-resistance state. --- ## 2. Key Technical Specifications The MF-RX series is characterized by its high voltage ratings (often up to 60V) and specific electrical parameters: | Parameter | Description | | :--- | :--- | | **$I_{hold}$** | The maximum current the device can carry without tripping. | | **$I_{trip}$** | The minimum current at which the device is guaranteed to switch to high resistance. | | **$V_{max}$** | The maximum voltage the device can withstand without damage. | | **$I_{max}$** | The maximum fault current the device can safely interrupt. | | **$P_d$** | Power dissipated by the device when in its tripped state. | --- ## 3. Physical Construction As a **Radial Leaded** component, the MF-RX has a specific form factor: * **Casing:** Usually coated with a flame-retardant epoxy polymer (meeting UL 94V-0). * **Leads:** Two tinned copper leads extending from the bottom for Through-Hole (THT) mounting on PCBs. * **Marking:** Typically displays the manufacturer logo, series code (RX), and the hold current rating (e.g., "RX110" for 1.10A). --- ## 4. Common Applications The MF-RX series is typically used where high reliability and "self-repairing" capabilities are needed: 1. **Industrial Controls:** Protecting sensors and motors. 2. **IEEE 1394 / USB Ports:** Protecting against short circuits in peripheral connections. 3. **Power Supplies:** Used as a secondary protection layer for transformers. 4. **Medical Equipment:** Ensuring device uptime by avoiding manual fuse replacements. --- ## 5. Comparison: MF-RX vs. Standard Fuse | Feature | MF-RX (PPTC) | Standard Wire Fuse | | :--- | :--- | :--- | | **Reusability** | Resettable many times | Single-use (must be replaced) | | **Resistance** | Higher initial resistance | Very low resistance | | **Action Speed** | Slower (Thermal based) | Faster (Melting based) | | **Failure Mode** | Fails to high resistance | Fails to open circuit |
    ✨ Follow-up Questions
    • ⤷ What is the typical trip time for an MF-RX series device compared to a fast-acting fuse?
    • ⤷ How does ambient temperature affect the $I_{hold}$ rating of an MF-RX fuse?
    • ⤷ What are the limitations of using a resettable fuse in high-voltage AC circuits?