データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-RX014-A

  • AI
    ## Detailed Overview of the MF-RX014-A The **MF-RX014-A** is a specific model within the Multifuse® Resettable Fuse series manufactured by **Bourns**. It is a Polymeric Positive Temperature Coefficient (PPTC) device, commonly used for overcurrent protection in electronic circuits. ### 1. Key Specifications Below are the electrical and mechanical characteristics of the MF-RX014-A: | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.14 Amps | | **Trip Current ($I_{trip}$)** | 0.28 Amps | | **Max Voltage ($V_{max}$)** | 60 Volts (AC or DC) | | **Max Current ($I_{max}$)** | 40 Amps | | **Resistance ($R_{min}$ / $R_{max}$)** | 1.50 $\Omega$ / 6.00 $\Omega$ | | **Packaging Type** | Radial Leaded (Through-hole) | | **Operating Temperature** | -40 °C to +85 °C | --- ### 2. How it Functions (PPTC Principle) Unlike traditional one-time fuses, the MF-RX014-A is "resettable." It operates based on the following physical stages: 1. **Normal Operation:** The device is in a low-resistance state, allowing current to flow to the load. 2. **Fault Condition:** If a short circuit or overcurrent occurs, the current exceeds the **trip current**. The internal polymer heats up rapidly. 3. **Tripped State:** The heat causes the polymer to expand and transition into an amorphous state, increasing the resistance by several orders of magnitude. This limits the current to a safe, leakage level. 4. **Resetting:** Once the fault is removed and the power is cycled (allowing the device to cool), the polymer shrinks, the conductive paths reform, and the fuse returns to a low-resistance state. --- ### 3. Physical Dimensions & Construction The "A" suffix in the part number typically denotes specific lead spacing or packaging requirements compatible with automated assembly. * **Materials:** Flame retardant epoxy polymer (meeting UL 94V-0). * **Leads:** Tin-plated copper. * **Marking:** Part identification and date codes are usually laser-printed on the body. --- ### 4. Common Applications The MF-RX014-A is ideal for low-current applications where space and reliability are critical: * **Telecommunications:** Protection for line cards and network equipment. * **Computer Peripherals:** USB ports, mouse, and keyboard protection. * **Industrial Controls:** Sensor protection and PLC I/O ports. * **Consumer Electronics:** Power supplies and battery chargers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current in a PPTC device?
    • ⤷ How does ambient temperature affect the performance of the MF-RX014-A?
    • ⤷ Is this fuse suitable for 120V AC applications?