データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-RX018

  • AI
    The **MF-RX018** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly used for overcurrent protection in electronic circuits. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MF-RX018: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.18 A | Maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.36 A | Minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60 V | Maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | Maximum fault current the device can safely interrupt. | | **Power Dissipation** | 0.48 W | Power dissipated when the device is in its tripped state. | | **Form Factor** | Radial Leaded | Through-hole mounting style. | --- ### 2. How it Works (The PTC Effect) The MF-RX018 functions as a "resettable" fuse through a thermal process: 1. **Normal State:** The component consists of a polymer matrix filled with conductive particles (usually carbon black). At room temperature, these particles form chains, allowing electricity to flow with low resistance. 2. **Overcurrent Event:** When current exceeds the trip threshold ($I_{trip}$), Joule heating ($I^2R$) causes the polymer to expand. 3. **Tripped State:** As the polymer expands, the conductive chains break. The resistance increases by several orders of magnitude, effectively "opening" the circuit. 4. **Resetting:** Once the fault is removed and the power is disconnected, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### 3. Application Use Cases Because the MF-RX018 is rated for relatively low current (180mA) and high voltage (60V), it is ideal for: * **Telecommunications:** Protection for line cards and network equipment. * **Industrial Controls:** Protecting sensors and low-power PLC inputs. * **Security Systems:** Overcurrent protection for alarm panels and motion detectors. * **Power Supplies:** Secondary protection for small transformers or DC-DC converters. --- ### 4. Comparison: PTC vs. Standard Fuse | Feature | MF-RX018 (PPTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Reusability** | Resettable (Automatic) | One-time use (Must replace) | | **Resistance** | Higher initial resistance | Very low resistance | | **Response Time** | Slower (Thermal based) | Faster (Melting based) | | **Failure Mode** | Usually fails "open" | Always fails "open" |
    ✨ Follow-up Questions
    • ⤷ What is the temperature derating curve for the MF-RX018?
    • ⤷ How does the 'Time-to-Trip' vary with increasing current for this model?
    • ⤷ Can the MF-RX018 be used in AC voltage applications?