データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-RX090/72

  • AI
    ## Technical Overview of MF-RX090/72 The **MF-RX090/72** is a specific model of **Resettable PTC (Positive Temperature Coefficient) Fuse**, part of the Multifuse® line manufactured by Bourns. These components are used for overcurrent protection in electronic circuits. ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **I-hold** | 0.90 Amps | Maximum current the device will hold without tripping at 23°C. | | **I-trip** | 1.80 Amps | Minimum current at which the device will always trip. | | **V-max** | 72 Volts | Maximum voltage the device can withstand without damage. | | **I-max** | 40 Amps | Maximum fault current the device can safely withstand. | | **R-min / R1-max** | 0.20 / 0.47 $\Omega$ | Resistance range of the device in its initial state. | | **Mounting Type** | Radial Leaded | Through-hole mounting using two metal wire leads. | --- ### 2. How it Works (PTC Principle) Unlike a traditional "one-shot" fuse that melts and must be replaced, the MF-RX090/72 is **resettable**. 1. **Normal State:** The device has a very low resistance, allowing current to flow to the load. 2. **Fault State:** If an overcurrent or short-circuit occurs, the internal temperature of the polymer material rises. This causes the resistance to increase exponentially. 3. **Protection:** The high resistance "chokes" the current to a safe leakage level, protecting the downstream components. 4. **Reset:** Once the fault is removed and the power is cycled or the device cools down, it returns to its low-resistance state. --- ### 3. Applications and Use Cases The "72" in the part number indicates a **72V rating**, which makes it ideal for higher-voltage applications compared to standard 16V or 30V PTCs: * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Overcurrent protection for motors and actuators. * **Power Supplies:** Input/Output protection for transformers and DC-DC converters. * **IEEE 802.3 Ethernet:** Often used in Power over Ethernet (PoE) applications due to the voltage rating. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: * **MF-**: Multifuse® Product Line (Bourns). * **RX**: Radial Leaded series (known for higher voltage ratings). * **090**: Current rating (0.90 Amps). * **72**: Voltage rating (72 Volts).
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for this component?
    • ⤷ How does ambient temperature affect the performance of the MF-RX090/72?
    • ⤷ Is this fuse suitable for automotive 12V or 24V systems?