データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF-RX185

  • AI
    ## Overview of MF-RX185 The **MF-RX185** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured by Bourns. It is part of the Multifuse® polymer-based product line designed to protect electronic circuits from overcurrent conditions. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the MF-RX185: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 1.85 A | The maximum current the device will pass without tripping. | | **$I_{trip}$** | 3.70 A | The minimum current at which the device will switch to high resistance. | | **$V_{max}$** | 60 V | The maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | The maximum fault current the device can safely handle. | | **$P_d$ (Typical)** | 1.0 W | Power dissipated from the device when in tripped state. | | **Mounting Type** | Through-Hole | Radial leaded package for PCB insertion. | --- ### Key Features and Functionality 1. **Resettable Nature**: Unlike standard one-time fuses that blow and must be replaced, the MF-RX185 "resets" itself once the fault is removed and the temperature drops. 2. **Polymer PTC Technology**: It consists of a conductive plastic matrix. When current exceeds the threshold, the polymer heats up, expands, and breaks the conductive paths, rapidly increasing resistance. 3. **Radial Leaded Package**: Designed specifically for through-hole mounting on printed circuit boards (PCBs). 4. **Agency Recognition**: Usually UL, CSA, and TÜV recognized, ensuring safety standards for industrial and consumer electronics. --- ### Common Applications The MF-RX185 is typically used in environments where overcurrent protection is critical but physical replacement of a fuse is inconvenient: * **Industrial Controls**: Protection for motors and sensors. * **Security Systems**: Protecting control panels and alarms. * **Communication Equipment**: Protection for line cards and modems. * **Power Supplies**: Secondary protection for transformers and DC-DC converters. --- ### Resistance vs. Temperature Behavior The resistance of the MF-RX185 stays low during normal operation. The transition to high resistance follows an exponential curve once the "Curie temperature" of the polymer is reached. ```text Normal State: Low Resistance -> High Conductivity Fault State: High Resistance -> Thermal Expansion -> Circuit Interruption ```
    ✨ Follow-up Questions
    • ⤷How does the ambient temperature affect the $I_{hold}$ rating of the MF-RX185?
    • ⤷ What is the typical 'time-to-trip' for this fuse at 5 times the rated current?
    • ⤷ What are the physical dimensions and lead spacing for the MF-RX185?