データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MF600-R

  • AI
    The **MF600-R** is typically identified as a **Resettable PPTC (Polymeric Positive Temperature Coefficient) Fuse**, commonly used for overcurrent protection in electronic circuits. It is designed to limit excessive current flow during fault conditions and "reset" once the fault is removed and the temperature drops. --- ### 1. Key Technical Specifications The electrical characteristics of the MF600-R define its behavior within a circuit. | Parameter | Value / Description | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 6.0 Amps (The maximum current the device will pass without tripping) | | **Trip Current ($I_{trip}$)** | 12.0 Amps (The minimum current at which the device will switch to high resistance) | | **Max Voltage ($V_{max}$)** | 16V - 30V (Depending on the specific manufacturer series) | | **Max Current ($I_{max}$)** | 100A (Maximum fault current the device can withstand without damage) | | **Typical Power ($P_d$)** | 3.5W - 4.0W (Power dissipated when in tripped state) | | **Mounting Type** | Radial Leaded (Through-hole) | --- ### 2. How the Components Work The MF600-R is made of a composite of non-conductive polymer mixed with conductive carbon black particles. * **Normal State:** The carbon particles form continuous paths, allowing current to flow with very low resistance. * **Fault State (Overcurrent):** Excessive current causes $I^2R$ heating. The polymer expands, breaking the chains of carbon particles. The resistance increases exponentially. * **Resetting:** Once power is removed and the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state. --- ### 3. Physical Construction The "R" suffix usually denotes a specific lead shape or a RoHS compliance standard depending on the brand (e.g., Multicomp or Littelfuse equivalents). * **Encapsulation:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0). * **Lead Material:** Tin-plated copper. * **Marking:** Usually marked with the manufacturer logo, "MF" (Model series), and "600" (Hold current rating). --- ### 4. Application Areas Because of its 6A hold current, it is frequently found in: * **Rechargeable Battery Packs:** Protection against short circuits. * **USB Ports:** High-power USB hubs or charging stations. * **Automotive Electronics:** Protection for small motors and plug-in accessories. * **Industrial Controls:** Overload protection for transformers and power supplies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard glass fuse and a PPTC like the MF600-R?
    • ⤷ How does ambient temperature affect the hold current of this device?
    • ⤷ What are the typical dimensions and lead spacing for the MF600-R?