データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MFBA2V1608-151-R

  • AI
    The **MFBA2V1608-151-R** is a specific surface-mount electronic component, categorized as a **Multilayer Ferrite Chip Bead**. It is primarily used for Noise Suppression and Electromagnetic Interference (EMI) filtering in high-frequency circuits. --- ### 1. Part Number Breakdown The nomenclature usually follows this structure (based on industry standards for manufacturers like Sunlord or Mag.Layers): | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **MFBA** | Series Code | Multilayer Ferrite Bead for High Current/General Purpose | | **2V** | Material/Type | Specific material characteristics for impedance | | **1608** | Case Size (Metric) | 1.6mm x 0.8mm (Equivalent to **0603** in Inches) | | **151** | Impedance Value | 150 $\Omega$ (The '1' is the multiplier: $15 \times 10^1$) | | **R** | Packaging/Tolerance | Usually denotes Tape & Reel packaging | --- ### 2. Key Technical Specifications Based on the standard 1608 (0603) 150-ohm bead profiles: * **Impedance:** 150 $\Omega$ at 100 MHz. * **DC Resistance (DCR):** Typically very low (approx. 0.10 to 0.30 $\Omega$) to prevent voltage drops. * **Rated Current:** Usually ranges between **500mA to 2000mA** (2A) depending on the specific sub-series (High Current vs. General). * **Operating Temperature:** -55°C to +125°C. --- ### 3. Functional Purpose Unlike a standard inductor which stores energy, a **Ferrite Bead** acts as a resistor at high frequencies. 1. **EMI Suppression:** It dissipates high-frequency noise as heat. 2. **Signal Integrity:** It filters out high-frequency ripples from power supply lines (VCC) before they reach sensitive ICs. 3. **Isolation:** Prevents digital noise from spreading to analog sections of a PCB. --- ### 4. Typical Applications * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Communication:** Ethernet ports, USB lines, and high-speed data buses. * **Power Supplies:** Filtering the output of DC-DC converters to reduce switching noise. --- ### 5. Footprint (SMD 0603) Below is the physical dimension reference for PCB layout: | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | $1.6 \pm 0.15$ | $0.063 \pm 0.006$ | | **Width (W)** | $0.8 \pm 0.15$ | $0.031 \pm 0.006$ | | **Thickness (T)** | $0.8 \pm 0.15$ | $0.031 \pm 0.006$ | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the MFBA2V1608-151-R?
    • ⤷ Can this ferrite bead be used in high-speed data lines like USB 3.0?
    • ⤷ What is the difference between a ferrite bead and a standard inductor?