データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MFD-AC-R16

  • AI
    The **MFD-AC-R16** is a specific display and control module within the **easyRelay (Eaton/Moeller)** family. It is a multi-function display designed to interface with expandable logic controllers. --- ## 1. Core Technical Specifications The "AC" in the name signifies an Alternating Current power supply, and "R16" denotes the specific I/O configuration (Relay outputs). | Parameter | Specification | | :--- | :--- | | **Power Supply** | 100 - 240 V AC (50/60 Hz) | | **Inputs** | 12 Digital Inputs (100-240V AC) | | **Outputs** | 4 Relay Outputs | | **Max Current (Relay)** | 8 Amperes per contact | | **Display Type** | Backlit Monochrome LCD | | **Degree of Protection** | IP20 (Rear), IP65 (Front when mounted) | --- ## 2. Electronic Hardware Components The device is composed of three primary functional blocks that work together: ### A. Power Supply Unit (PSU) * **Rectification Block:** Converts high-voltage AC input into low-voltage DC to power the internal logic and display. * **Surge Protection:** Includes MOVs (Metal Oxide Varistors) to protect the internal circuitry from voltage spikes common in industrial environments. ### B. Input/Output (I/O) Stage * **Optocouplers:** The 12 digital inputs use opto-isolation. This ensures that the high-voltage field signals (240V) are physically separated from the sensitive CPU, preventing noise and electrical damage. * **Relay Contacts:** The 4 outputs are mechanical relays. They act as electrically operated switches, allowing the controller to drive loads like motors, contactors, or lamps. ### C. Logic & Communication Interface * **CPU:** A microprocessor that executes the logic program (ladder diagram or function block). * **Memory (EEPROM):** Non-volatile memory that stores the program so it isn't lost during power failure. * **Expansion Port:** On the rear, there is a physical connector that allows the MFD-AC-R16 to snap onto an `MFD-CP8-..` communication/CPU module or an `EASY` expansion module. --- ## 3. Wiring and Connectivity To integrate the MFD-AC-R16, the wiring follows a specific electronic standard: ```text L (Line) ------> [ L ] (Power Input) N (Neutral) ----> [ N ] (Power Input) Inputs (I1 - I12): 240V AC Switch --> [ I1 ] Outputs (Q1 - Q4): [ Q1 ] ----> [ Load (e.g. Solenoid) ] ----> Neutral ``` --- ## 4. Key Functional Features * **Graphic Capability:** Unlike standard numerical displays, the MFD can show custom text, bar graphs, and basic bitmaps. * **Human-Machine Interface (HMI):** The front panel features a keypad that acts as digital inputs, allowing operators to trigger internal logic markers. * **Environment Tolerance:** The electronics are designed for a wide temperature range (typically -25°C to +55°C).
    ✨ Follow-up Questions
    • ⤷ How do you program the MFD-AC-R16 using EasySoft software?
    • ⤷ What is the difference between the MFD-AC-R16 and the MFD-R16 (DC version)?
    • ⤷ Can I connect analog sensors to the MFD-AC-R16?