データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MFS2-64-R/Q

  • AI
    The **MFS2-64-R/Q** is a high-performance, compact **Micro-Flow Sensor** (often categorized under thermal mass flow sensors) typically used for detecting and measuring minute gas flow rates. --- ### ## Technical Specifications The part number breakdown usually indicates specific attributes regarding flow range and electrical output. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Thermal Mass Flow Sensor | | **Flow Range** | Generally 0 to 64 sccm (standard cubic centimeters per minute) | | **Output Type** | Analog Voltage or Digital (Q-suffix often denotes specific calibration) | | **Response Time** | < 5ms (Typical for micro-flow MEMS) | | **Operating Voltage** | 5V DC (standard) | | **Accuracy** | ±3% to 5% Full Scale (model dependent) | --- ### ## Internal Electronic Components The device utilizes **MEMS (Micro-Electro-Mechanical Systems)** technology. Its internal architecture consists of three primary stages: #### 1. The Sensing Element (MEMS Die) * **Heating Resistor:** A micro-heater placed in the center of a thin silicon nitride membrane. * **Thermopiles:** Two sets of temperature sensors located upstream and downstream of the heater. * **Principle:** As gas flows, it carries heat from the upstream sensor to the downstream sensor. The temperature differential ($\Delta T$) is proportional to the mass flow rate. #### 2. Signal Conditioning Circuitry * **Wheatstone Bridge:** Used to detect minute changes in resistance from the thermopiles. * **Instrumentation Amplifier:** Amplifies the millivolt-level signal from the bridge to a usable voltage level. * **Temperature Compensation:** Integrated thermistors adjust the output to ensure accuracy regardless of ambient temperature fluctuations. #### 3. Output Interface * **R/Q Variants:** These suffixes often dictate the connector type or the specific electrical calibration curve. * **R:** Usually refers to a specific resistance-based output or a ruggedized housing. * **Q:** Often indicates a "Quick" response calibration or a specific digital communication protocol (like I2C) in newer iterations. --- ### ## Applications Because of its sensitivity to extremely low flow rates, the MFS2-64-R/Q is commonly found in: * **Medical Devices:** Oxygen concentrators and anesthesia machines. * **Industrial Leak Detection:** Checking seals in pressurized systems. * **Environmental Monitoring:** Air quality sampling and gas chromatography. * **HVAC:** High-precision VAV (Variable Air Volume) control. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MFS2-64-R/Q?
    • ⤷ How does the 'Q' suffix differ from the 'P' suffix in this series?
    • ⤷ Can this sensor be used for liquid flow measurement or is it gas-only?