データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MFS2-66-R/Q

  • AI
    The **MFS2-66-R/Q** is a high-performance **Micro-Electro-Mechanical Systems (MEMS) Switch** manufactured by **Menlo Micro**. This component represents a leap in switching technology, combining the mechanical performance of a relay with the size and reliability of a semiconductor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Switch Configuration** | DPDT (Double Pole Double Throw) | | **Frequency Range** | DC to 18 GHz | | **Insertion Loss** | ~0.5 dB @ 10 GHz | | **Isolation** | > 30 dB @ 10 GHz | | **Actuation Voltage** | Typically 80V - 100V (Integrated Driver) | | **Switching Speed** | ~10 µs (microseconds) | | **Operating Life** | > 3 Billion cycles | --- ### 2. Core Electronic Characteristics The MFS2-66-R/Q uses Menlo Micro’s proprietary **Ideal Switch®** technology. Below are the primary electronic aspects: #### A. MEMS Architecture Unlike traditional solid-state switches (FETs or PIN diodes) that have leakage and non-linearities, the MFS2-66-R/Q uses an actual mechanical beam. * **Air Gap:** When open, there is a physical air gap, providing near-infinite isolation. * **Metal-to-Metal Contact:** When closed, it provides a very low-resistance ohmic contact. #### B. Signal Integrity Because the device is mechanical, it offers extremely high **Linearity (IP3)**. This means it creates almost no harmonic distortion, which is critical for 5G and satellite communication systems. #### C. Power Handling Despite its microscopic size, the materials used allow it to handle significant RF power (often up to several Watts depending on frequency) compared to standard CMOS switches. --- ### 3. Application Use Cases 1. **Automated Test Equipment (ATE):** Used in high-density switch matrices for chip testing. 2. **RF Front Ends:** Switching between different antenna bands or filters in telecommunications. 3. **Medical Electronics:** Used in imaging or diagnostic equipment where low loss and high reliability are required. 4. **Defense/Space:** RADAR beamforming and satellite communications due to its radiation tolerance and wide frequency range. --- ### 4. Integration Example (Basic Pinout Logic) To drive the MFS2-66-R/Q, an internal or external high-voltage driver is used to electrostaticly move the MEMS beam. ```c // Pseudo-code logic for controlling a MEMS Switch via a Driver void toggle_switch(int state) { if (state == HIGH) { set_driver_voltage(90V); // Actuate MEMS Beam print("Path Connected"); } else { set_driver_voltage(0V); // Release Beam print("Path Isolated"); } } ```
    ✨ Follow-up Questions
    • ⤷ How does the reliability of this MEMS switch compare to traditional EMRs?
    • ⤷ What are the power consumption requirements for the actuation driver?
    • ⤷ Can this switch be used for high-speed digital signal routing?