データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MGFS152415-R

  • AI
    The **MGFS152415-R** is a high-performance DC-DC converter manufactured by **Cosel**. It is part of the MGFS series, specifically designed for high power density and reliability in industrial and telecommunications applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Cosel | | **Input Voltage Range** | 9V to 36V DC (4:1 Wide Input) | | **Output Voltage** | 15V DC | | **Output Current** | 1.0 A | | **Rated Power** | 15 Watts | | **Isolation Voltage** | 1,500V DC (1 minute) | | **Efficiency** | Up to 89% (Typical) | | **Package / Case** | 1" x 1" (Six-sided shielded metal case) | --- ### 2. Physical and Electrical Features #### Form Factor and Protection * **Compact Design:** It uses the industry-standard 1x1 inch footprint, saving significant board space. * **Built-in Protections:** * **Overcurrent Protection (OCP):** Automatically recovers when the fault is removed. * **Overvoltage Protection (OVP):** Protects the load from voltage spikes. * **Thermal Protection:** Prevents damage from overheating. * **Six-sided Shielding:** The metal casing reduces Electromagnetic Interference (EMI) significantly. #### Operational Capabilities * **Remote On/Off:** Allows the system to control the power state of the converter electronically. * **Adjustable Output:** The output voltage can be fine-tuned (trimmed) using an external resistor. * **No Minimum Load:** It can operate stably even without a load attached. --- ### 3. Pin Configuration (Typical) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +VIN | Positive Input | | 2 | -VIN | Negative Input | | 3 | RC | Remote Control (On/Off) | | 4 | +VOUT | Positive Output | | 5 | TRM | Trim (Adjustment) | | 6 | -VOUT | Negative Output | --- ### 4. Common Applications * **Industrial Automation:** Powering sensors and controllers. * **Telecommunications:** Board-level power distribution. * **Battery-powered Equipment:** Handling fluctuating battery voltages due to the wide 4:1 input range. * **Test and Measurement:** Low-noise power supply for precision instruments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MGFS and MGDS series from Cosel?
    • ⤷ How do I calculate the resistor value for the TRM pin to adjust the output voltage?
    • ⤷ What are the thermal derating requirements for this part at high temperatures?