データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MGP50-R10-F

  • AI
    ## MGP50-R10-F: Electronic Component Specifications The **MGP50-R10-F** is a precision metal film resistor, commonly used in applications requiring high stability and low tolerance. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Breakdown To understand the component, we can decode the typical manufacturer naming convention: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | MGP50 | Metal Film, Power rating roughly 0.5W (1/2 Watt) | | **Resistance Value** | R10 | 0.10 Ohms ($\Omega$) | | **Tolerance** | F | ±1% Accuracy | --- ### 2. Key Technical Specifications This component is designed for precision power sensing or current limiting. | Parameter | Specification | | :--- | :--- | | **Resistance** | 0.1 $\Omega$ | | **Power Rating** | 0.5 Watt (1/2 W) at 70°C | | **Tolerance** | ±1% | | **Temperature Coefficient** | Typically ±50ppm/°C to ±100ppm/°C | | **Construction** | Metal Film on Ceramic Core | | **Coating** | Flameproof Silicone/Epoxy | --- ### 3. Electronic Characteristics * **Low Ohmic Value:** At 0.1 $\Omega$, this is a "Shunt" or "Current Sense" resistor. It is designed to allow current to pass with minimal voltage drop while providing a measurable voltage for control circuits. * **Metal Film Technology:** Unlike carbon composition resistors, metal film offers much lower noise and higher thermal stability. This makes it ideal for sensitive analog circuits. * **Inductance:** These resistors are generally non-inductive or have very low parasitic inductance, allowing them to function accurately in high-frequency pulse applications. --- ### 4. Common Applications Due to its low resistance and 1% precision, the MGP50-R10-F is frequently used in: 1. **Current Sensing:** Measuring current flow in power supplies or battery management systems ($V = I \times R$). 2. **Feedback Loops:** Providing stable reference points in operational amplifier circuits. 3. **Power Converters:** Used as a protection element to detect over-current conditions. --- ### 5. Mechanical Dimensions (Typical) *Most MGP50 series follow these standard axial dimensions:* * **Body Length:** ~9.0 mm to 10.0 mm * **Body Diameter:** ~3.2 mm to 3.7 mm * **Lead Diameter:** ~0.5 mm to 0.7 mm
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage this resistor can handle safely?
    • ⤷ How does the temperature coefficient affect the resistance in high-heat environments?
    • ⤷ Can this resistor be used in surface mount (SMT) applications?