データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH11FDD-R

  • AI
    The **MH11FDD-R** is an electronic component primarily classified as a **Modular Jack (RJ45)** connector. It is widely used in networking equipment for Ethernet connectivity. This specific part is often manufactured by companies like **UDE (Universal Device Electronics)**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Right Angle (Horizontal) | | **Mounting Type** | Through-Hole (THT) | | **Shielding** | Metal Shielded (EMI Protection) | | **Integrated Magnetics** | Yes (Internal Transformer/Choke) | | **LED Configuration** | Typically Dual (e.g., Green/Yellow) | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | --- ### 2. Key Electronic Components The "FDD" series typically indicates a **MagJack**—a connector that integrates the physical port with necessary magnetic components. #### A. Internal Magnetics (Transformers) Inside the housing, there are tiny wire-wound toroids. These serve three critical electronic functions: * **Isolation:** Protects the circuitry from high-voltage spikes on the network cable (Isolation up to 1500Vrms). * **Impedance Matching:** Ensures maximum signal strength between the PHY chip and the cable. * **Common Mode Suppression:** Filters out electromagnetic interference (EMI). #### B. Integrated LEDs The MH11FDD-R features built-in Light Emitting Diodes. * **Anode/Cathode Pins:** These are separate from the data pins and are soldered directly to the PCB. * **Function:** They provide visual feedback on "Link Status" (solid light) and "Activity" (blinking). #### C. Shielding and Grounding The outer shell is made of a copper alloy (usually nickel-plated). It features **EMI fingers** (tabs) that make contact with the chassis to prevent radio frequency interference from entering or leaving the device. --- ### 3. Pinout Structure | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 - 8** | Data Pairs | Differential signal lines for Ethernet data. | | **9 - 12** | LED Pins | Power and ground for the Green/Yellow status lights. | | **Shield Pins** | Grounding | Connects the metal casing to the PCB ground plane. | --- ### 4. Common Applications * **Networking:** Routers, Switches, and Hubs. * **Computing:** Motherboards and Network Interface Cards (NICs). * **Industrial:** Programmable Logic Controllers (PLCs) and IoT Gateways.
    ✨ Follow-up Questions
    • ⤷ What is the footprint layout for soldering the MH11FDD-R to a PCB?
    • ⤷ How does the integrated transformer protect the PHY chip from ESD?
    • ⤷ What are the specific LED voltage requirements for this connector?