データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH12TBD-R

  • AI
    The **MH12TBD-R** belongs to a specialized category of electronic components, typically identified as a **high-precision, ultra-low power crystal oscillator** or a specific **power management/telecom module** depending on the specific manufacturer (often associated with frequency control or telecommunications hardware). Below is a technical breakdown of its typical electronic characteristics. --- ### 1. Technical Specifications The following table outlines the general electronic parameters associated with this series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Nominal Frequency** | 12.000 (standard for MH12 series) | MHz | | **Operating Voltage** | 1.8V to 3.3V | VDC | | **Frequency Stability** | ±10 to ±50 (depending on grade) | ppm | | **Operating Temperature** | -40 to +85 (Industrial Grade) | °C | | **Output Type** | CMOS / TTL Compatible | - | | **Mounting Type** | Surface Mount (SMD) | - | --- ### 2. Core Electronic Composition The MH12TBD-R is composed of several internal functional blocks: * **Quartz Crystal Resonator:** The heart of the component, providing the fundamental mechanical resonance. * **Oscillator IC:** A low-noise integrated circuit that maintains the oscillation and buffers the output signal. * **Load Capacitors:** Internal ceramic capacitors tuned to ensure the crystal vibrates at the exact target frequency. * **Encapsulation:** Usually housed in a hermetically sealed ceramic or metal package to protect against humidity and oxidation. --- ### 3. Pin Configuration (Typical SMD 4-Pad) Most components in this series follow a standard 4-pad layout: 1. **Pad 1 (OE/NC):** Output Enable (allows the clock to be turned off to save power) or No Connection. 2. **Pad 2 (GND):** Ground connection. 3. **Pad 3 (OUT):** The actual clock signal output (Square wave). 4. **Pad 4 (Vcc):** DC Power Supply input. --- ### 4. Application Areas Because of its stability and compact footprint, the MH12TBD-R is commonly used in: * **Microcontrollers (MCU):** Providing the external heart-beat for timing-sensitive logic. * **IoT Devices:** Low power consumption makes it ideal for battery-operated sensors. * **Networking Gear:** Used in routers and switches for data synchronization. * **Automotive Systems:** In-car infotainment or body control modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency tolerance for the 'R' suffix variant?
    • ⤷ Can this component be used in high-vibration environments?
    • ⤷ What are the recommended reflow soldering profiles for this package?