MH12TCG-R
AI

The **MH12TCG-R** is a specific model identifier typically associated with **Electromechanical Power Relays**, commonly manufactured by brands like **Fujitsu** (formerly Takamisawa). These components are essential in automation, automotive, and industrial control systems for switching high-current loads using a low-power signal.
---
## 1. Technical Specifications
The following table outlines the general technical characteristics of the MH series (specifically the 12V DC variant):
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Contact Material** | Gold-overlay silver alloy |
| **Max. Switching Current** | 1A to 2A (depending on load type) |
| **Max. Switching Voltage** | 125V AC / 60V DC |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Construction** | Sealed (Washable) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of the component:
* **MH**: Series designation (Miniature High-Efficiency Relay).
* **12**: Specifies the **12V DC** nominal coil voltage.
* **T**: Often indicates the contact material or specific thermal endurance rating.
* **CG**: Refers to the "Gold-plated" contacts, which are ideal for low-level signal switching to prevent oxidation.
* **R**: Generally denotes the packaging style (e.g., "Reel" for automated assembly) or a specific RoHS compliance revision.
---
## 3. Key Electronic Functions
### A. Isolation
The MH12TCG-R provides electrical isolation between the control circuit (the 12V coil side) and the load circuit. This protects sensitive microcontrollers from high-voltage spikes or AC loads.
### B. Signal Switching
Due to the **CG** (Gold-plated) designation, this relay is highly effective for "dry circuits" (very low current signals). Gold prevents the buildup of contact resistance that occurs with standard silver contacts.
### C. DPDT Logic
As a **2 Form C** relay, it contains two separate sets of change-over contacts. This allows a single signal to:
1. Switch two different loads simultaneously.
2. Reverse the polarity of a small DC motor.
---
## 4. Common Applications
* **Telecommunications:** Signal routing in exchange equipment.
* **Security Systems:** Triggering alarms or control panels.
* **Medical Equipment:** Isolated signal switching in diagnostic tools.
* **Test & Measurement:** Switching inputs in multimeters or oscilloscopes.
- ⤷
What are the equivalent replacement parts for the MH12TCG-R from other manufacturers?
- ⤷ What is the power consumption of the 12V coil in this relay?
- ⤷ Can this relay be used to switch 220V AC mains power safely?