データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH13FBD-R

  • AI
    The **MH13FBD-R** is a specific electronic component, typically categorized as an **Electromagnetic Passive Buzzer** (or transducer), often used in automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The MH13FBD-R is a surface-mount (SMD) electromagnetic transducer designed to convert electrical signals into audible sound. Unlike active buzzers, this is a **passive** component, meaning it requires an external oscillating circuit (PWM signal) to function. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Electromagnetic Transducer (Passive) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Voltage** | 1.0V to 3.0V (Typical 1.5V) | | **Rated Current** | Max 80mA - 100mA | | **Sound Pressure Level (SPL)** | ~80 dB to 90 dB @ 10cm | | **Resonant Frequency** | ~2700 Hz to 3200 Hz | | **Coil Resistance** | ~12 $\Omega$ to 18 $\Omega$ | --- ## 2. Key Internal Components To understand the electronic nature of the MH13FBD-R, it is helpful to look at its construction: 1. **Magnet:** A permanent magnet that provides a stationary magnetic field. 2. **Voice Coil:** A small coil of copper wire. When current passes through it, it creates a fluctuating magnetic field. 3. **Diaphragm:** A metallic disk that reacts to the magnetic fluctuations, moving back and forth to create sound waves. 4. **Housing:** Usually a High-Temperature Plastic (LCP) capable of withstanding lead-free reflow soldering processes. --- ## 3. Driving Circuitry Because this is a passive buzzer, it acts essentially like a small inductive load. It cannot be connected directly to a DC power source. ### Recommended Drive Method A simple NPN transistor or MOSFET switching circuit is typically used to drive the component via a microcontroller's PWM (Pulse Width Modulation) pin. ```c // Example pseudo-code for driving the MH13FBD-R void playTone(int frequency) { pwm_set_frequency(frequency); // Set to ~2730Hz for peak volume pwm_set_duty_cycle(50); // 50% square wave pwm_start(); } ``` ### Safety Note: Flyback Diode Since the part contains a coil (inductor), it is standard practice to place a **flyback diode** in parallel with the buzzer to protect the driving transistor from voltage spikes when the current is switched off. --- ## 4. Performance Considerations * **Frequency Response:** The "R" in the part number often indicates a specific resonant peak. The loudst output will occur at the specified resonant frequency. * **Reflow Soldering:** Being an SMD component, it is designed for automated pick-and-place and reflow ovens. It is sensitive to wash cycles; usually, a "washable" version will have a seal over the sound hole. * **Polarity:** Most electromagnetic buzzers are polarized. The "+" mark on the casing must match the positive side of the driving circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and passive buzzer in a circuit?
    • ⤷ How do I calculate the correct series resistor for this buzzer?
    • ⤷ Can this component be used for playing music melodies?