データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH14FAG-R

  • AI
    The **MH14FAG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in telecommunications and computer networking hardware. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO/VCXO variants possible) | | **Package Type** | SMD (Surface Mount Device) | | **Lead Status** | RoHS Compliant (indicated by "-R") | | **Frequency Stability** | High precision (standard for the MH series) | | **Pin Count** | Usually 4 or 6 pads depending on the specific frequency control | ### 2. Functional Breakdown * **Quartz Crystal Core:** Uses the mechanical resonance of a vibrating crystal of piezoelectric material to create an electrical signal with a very precise frequency. * **MH Series Design:** This series is known for its low profile and small footprint, making it ideal for high-density circuit boards. * **Termination:** The "R" suffix typically denotes **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. ### 3. Common Applications The MH14FAG-R is integrated into circuits that require a stable "heartbeat" or clock signal to synchronize data transmission: 1. **Networking:** Found in routers, switches, and modems. 2. **Wireless Comm:** Used in RF modules for frequency stabilization. 3. **Embedded Systems:** Provides clocking for microprocessors and FPGAs. ### 4. Circuit Symbol and Mounting In schematic diagrams, this part is represented as an oscillator (a box with an internal crystal symbol). Because it is an SMD component, it is soldered using **Reflow Soldering** techniques. ```markdown Schematic Pinout (Generic 4-Pad): 1. Enable/Disable (or No Connect) 2. Ground (GND) 3. Output (Frequency Signal) 4. Supply Voltage (Vcc) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MH14FAG-R?
    • ⤷ Can I substitute this with a standard 4-pin crystal?
    • ⤷ What are the voltage requirements for this oscillator?