データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH14TAG-R

  • AI
    The **MH14TAG-R** refers to a specific RFID (Radio Frequency Identification) transponder tag, commonly utilized in automotive security systems, specifically for vehicle immobilizers. Below is a technical breakdown of its electronic components and functional specifications. --- ## 1. Core Technical Specifications The MH14TAG-R is an integrated circuit (IC) housed in a durable casing designed to interface with a vehicle's Ignition Control Unit (ICU). | Feature | Specification | | :--- | :--- | | **Component Type** | Passive RFID Transponder | | **Operating Frequency** | 125 kHz (Low Frequency) | | **Chip Architecture** | Read/Write EEPROM | | **Power Source** | Passive (Inductive Coupling) | | **Housing Material** | Carbon/Glass or Epoxy Resin | | **Standard Application** | Vehicle Anti-theft / Immobilizer | --- ## 2. Key Electronic Components ### A. The Microchip (IC) The "brain" of the tag is a silicon chip that contains: * **Logic Controller:** Manages the communication protocol and data flow. * **Memory (EEPROM):** Stores a unique identification code and encryption keys. This memory is non-volatile, meaning it retains data without a battery. * **Modulator:** Converts the stored digital data into signals that can be transmitted back to the reader. ### B. The Antenna Coil Inside the tag is a fine copper wire coil wrapped around a ferrite core. * **Function:** It acts as both a power receiver and a signal transmitter. * **Mechanism:** When the tag enters the magnetic field of the ignition barrel (the reader), the coil picks up energy via **electromagnetic induction**, powering the internal microchip. ### C. The Resonant Capacitor A small integrated capacitor is connected in parallel with the antenna coil. * **Function:** It creates a tuned **LC circuit** (Inductor-Capacitor). This ensures the tag is tuned precisely to the 125 kHz frequency for maximum energy transfer and signal clarity. --- ## 3. Functional Operation The MH14TAG-R operates in three distinct electronic phases: 1. **Energization:** The vehicle's ignition sends a 125 kHz burst. The tag's coil captures this and converts it to DC voltage. 2. **Authentication:** The tag transmits its ID code. In many versions, this involves a challenge-response handshake using a specific encryption algorithm (such as Megamos Crypto). 3. **Validation:** The vehicle’s ECU compares the received signal with stored authorized codes. If they match, the fuel pump and ignition are enabled. --- ## 4. Hardware Comparison: Transponder Types The MH14TAG-R is often categorized alongside other common automotive chips: | Tag Type | Frequency | Security Level | | :--- | :--- | :--- | | **MH14TAG-R** | 125 kHz | Medium (Encrypted) | | **ID48 (Glass)** | 125 kHz | High (Crypto) | | **4C/4D (Texas)** | 134.2 kHz | Fixed/Crypto |
    ✨ Follow-up Questions
    • ⤷ What are the compatible vehicle models for the MH14TAG-R?
    • ⤷ Can the MH14TAG-R memory be reprogrammed after it has been locked?
    • ⤷ What equipment is required to clone or write data to an MH14TAG-R chip?