データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH15FAD-R

  • AI
    The **MH15FAD-R** is an electronic component primarily classified as a **High-Frequency Rectifier Diode**, often utilized in specialized power supply circuits, high-speed switching environments, and automotive electronics. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this part: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 1500V (Approx.) | | **Average Forward Current ($I_{F(AV)}$)** | 1.5A to 2A | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (< 500ns) | | **Package Type** | Axial Lead (often DO-15 or similar) | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Functional Characteristics The MH15FAD-R is designed to handle specific stresses found in high-voltage environments: * **Fast Switching:** Unlike standard recovery diodes (like the 1N4007), this part is designed to transition from a conducting to a non-conducting state very quickly, reducing power loss during switching. * **High Voltage Tolerance:** The "15" in the prefix often denotes a high peak inverse voltage (PIV) rating, making it suitable for CRT displays, laser power supplies, or ignition systems. * **Thermal Stability:** It is built to maintain low leakage current even at elevated operating temperatures. --- ### 3. Common Applications This component is typically found in the following electronic assemblies: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage where high-frequency AC needs to be converted to DC. 2. **Inverters:** For converting DC to AC in solar or UPS systems. 3. **Horizontal Deflection Circuits:** Historically used in television and monitor circuits to handle high-voltage flyback pulses. 4. **Snubber Circuits:** Used to protect MOSFETs or IGBTs from voltage spikes by clamping the energy. --- ### 4. Identification and Polarity When inspecting the physical part: * **Cathode Mark:** A colored band (usually white or silver) indicates the cathode (negative) side. * **Body Material:** Usually encapsulated in a flame-retardant epoxy. ```json { "part_number": "MH15FAD-R", "category": "Discrete Semiconductor", "subcategory": "Diode - Rectifier" } ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH15FAD-R?
    • ⤷ How does the reverse recovery time impact circuit efficiency?
    • ⤷ What are the specific soldering precautions for axial lead diodes like this?