データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH16FDG-R

  • AI
    The **MH16FDG-R** is a specialized high-power, fast-recovery rectifier diode, typically utilized in high-voltage and high-frequency power conversion applications. It belongs to a class of components designed for ruggedness and efficiency in demanding electrical environments. --- ### ## 1. Technical Specifications Below are the primary electrical characteristics for the MH16FDG-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Diode | High-speed switching capabilities | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600V - 1000V* | The maximum voltage it can withstand in reverse bias | | **Average Forward Current ($I_{F(AV)}$)** | 16A | Maximum continuous current flow | | **Reverse Recovery Time ($t_{rr}$)** | < 50ns - 100ns | Time taken to stop conducting after switching | | **Forward Voltage Drop ($V_F$)** | ~1.2V to 1.7V | Voltage loss during conduction | | **Package Type** | TO-220 / TO-247 | Standard power electronic housing | *\*Values may vary slightly depending on the specific manufacturer batch (e.g., MH vs. other prefixes).* --- ### ## 2. Core Functional Parts To understand how this component operates, we can break it down into its physical and electrical segments: 1. **P-N Junction:** The internal semiconductor material (Silicon) doped to allow current flow in one direction. The "Fast Recovery" aspect is achieved through specific doping (often gold or platinum) to reduce carrier lifetime. 2. **Heat Sink Tab:** As a 16A device, it generates significant heat. The metal tab on the back is electrically connected (usually to the Cathode) to allow mounting to an external radiator. 3. **Encapsulation:** The epoxy resin body protects the silicon die from moisture and mechanical stress. 4. **Terminals:** * **Anode:** The input for current. * **Cathode:** The output (marked with a stripe on the body or identified by the pinout). --- ### ## 3. Common Applications Due to its high amperage and fast switching speeds, the MH16FDG-R is commonly found in: * **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. * **Inverters:** For converting DC back to AC in solar or UPS systems. * **Freewheeling Diodes:** Protecting transistors from inductive spikes in motor controllers. * **PFC Circuits:** Power Factor Correction units in industrial equipment. --- ### ## 4. Key Performance Advantages * **Low Switching Losses:** The fast $t_{rr}$ ensures that the diode doesn't stay "on" too long during the transition, preventing heat buildup. * **High Thermal Stability:** Designed to operate at high junction temperatures (up to 150°C or 175°C). * **High Surge Capacity:** Capable of handling momentary current spikes significantly higher than 16A.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the MH16FDG-R?
    • ⤷ Are there specific heat sink requirements for operating this diode at full 16A load?
    • ⤷ What are the best equivalents or substitutes for the MH16FDG-R in a power circuit?