データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH17FCG-R

  • AI
    The **MH17FCG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in high-reliability applications where stability, low noise, and precise resistance values are critical. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for the MH17 series (F-grade, C-tolerance, G-packaging): | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Case Size** | 0603 (Standard Metric: 1608) | | **Resistance Tolerance** | ±0.1% to ±1% (Depends on specific sub-code) | | **Power Rating** | 0.1W (1/10 Watt) | | **Operating Temperature** | -55°C to +155°C | | **TC Code (Temperature Coeff.)** | ±25ppm/°C or ±50ppm/°C | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the "MH17FCG-R" generally follows this logic: * **MH17**: Represents the Series/Model (Precision High-Stability Thin Film). * **F**: Often denotes the Tolerance (F = ±1%). * **C**: Often denotes the Temperature Coefficient (C = ±50ppm or similar). * **G**: Denotes the Packaging style (usually "Green" or Embossed Plastic Tape). * **R**: Denotes **RoHS Compliance** (Lead-free) or Reel packaging. --- ### 3. Key Features * **High Precision**: Thin film technology allows for tighter tolerances compared to standard thick film resistors. * **Low Noise**: Excellent for signal processing as they produce very little thermal noise. * **Stability**: Maintains its resistance value even under high humidity and fluctuating temperature conditions. * **Sulfur Resistance**: Many components in this class are designed to be anti-sulfurated for industrial environments. --- ### 4. Typical Applications These parts are found in circuits that require high accuracy: 1. **Medical Equipment**: Monitoring devices and diagnostic tools. 2. **Instrumentation**: Precision scales and measurement sensors. 3. **Telecommunications**: Signal converters and base stations. 4. **Automotive Electronics**: Control units (ECUs) and battery management systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Thin Film and Thick Film resistors?
    • ⤷ How do I interpret the power rating for 0603 package sizes?
    • ⤷ Are there specific soldering temperature profiles for the MH17 series?