データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH18TBD-R

  • AI
    The **MH18TBD-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**. It is designed for high-sensitivity magnetic field detection, often used in consumer electronics and industrial positioning. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics of the MH18TBD-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Unipolar Hall Effect Switch | | **Operating Voltage** | 2.5V to 24V | | **Output Type** | Open Drain | | **Sensitivity** | High (Typically 30-60 Gauss) | | **Package Type** | SOT-23 (Surface Mount) | | **Temperature Range** | -40°C to +125°C | --- ### 2. Key Internal Components The IC is an integrated system consisting of several stages to ensure stable switching: 1. **Hall Plate:** The primary sensing element that generates a micro-voltage when exposed to a magnetic field. 2. **Chopper Stabilization:** Internal circuitry that cancels out offset voltages caused by temperature changes or mechanical stress, ensuring high accuracy. 3. **Schmitt Trigger:** A comparator with hysteresis that prevents "chattering" (rapid flickering of the signal) when the magnetic field is near the threshold. 4. **Open-Drain Output:** A transistor switch that allows the sensor to interface with different logic levels (e.g., 3.3V or 5V) via a pull-up resistor. --- ### 3. Pin Configuration (SOT-23) The device typically follows a standard three-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply Input | | 2 | **OUT** | Signal Output (Low when magnet is present) | | 3 | **GND** | Ground | --- ### 4. Typical Applications Because it is a **Unipolar** sensor, it responds only to a specific pole of a magnet (usually the South pole). Common uses include: * **Proximity Switching:** Detecting if a lid is closed or a door is open. * **Speed Sensing:** Counting revolutions in small motors or fans. * **Positioning:** Identifying the limit of travel in mechanical arms. --- ### 5. Implementation Example To use this part with a microcontroller (like an Arduino or ESP32), a pull-up resistor is required because of the open-drain architecture. ```cpp // Basic Logic for Reading MH18TBD-R int sensorPin = 2; // Connected to Pin 2 (OUT) int val = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Internal pull-up required Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == LOW) { Serial.println("Magnet Detected!"); } delay(100); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Unipolar and Omnipolar Hall Effect sensor?
    • ⤷ How do I calculate the required pull-up resistor value for the MH18TBD-R?
    • ⤷ Can this sensor be used for linear distance measurement?