データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH21FDG-R

  • AI
    The **MH21FDG-R** is a specific model of a **Miniature Relay**, typically categorized under power or industrial relays used for PCB (Printed Circuit Board) mounting. These components are essential for controlling high-power circuits using a low-power signal. --- ## 1. Technical Specifications Below are the general technical characteristics associated with the MH21 series (specifically the FDG-R variant): | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Contact Configuration** | SPDT (1 Form C) or DPDT (2 Form C) | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) | | **Mounting Type** | Through-Hole (PCB) | | **Terminal Style** | Solder Pins | --- ## 2. Key Electronic Parts & Construction The MH21FDG-R consists of several internal sub-components that work together to perform the switching action: ### A. The Electromagnetic Coil The "heart" of the relay. When a DC current flows through this copper winding, it creates a magnetic field. * **FDG Designation:** Usually indicates a specific sensitivity or power rating for the coil. ### B. The Armature and Spring * **Armature:** A moving metal piece attracted by the coil's magnetic field. * **Return Spring:** Ensures that when the power is removed from the coil, the contacts return to their "Normal" state. ### C. Contacts (The Switch) This is where the high-voltage/high-current load is connected. * **Stationary Contacts:** Fixed points (Normally Open and Normally Closed). * **Movable Contact:** Attached to the armature; it flips between the two stationary points. ### D. Protective Housing * **Sealing:** The "R" in the suffix often denotes a **Flux-proof** or **Sealed** construction, protecting the internal parts from dust and soldering flux during the manufacturing process. --- ## 3. Application Use Cases This part is commonly found in: 1. **Home Appliances:** Control boards for washing machines or refrigerators. 2. **HVAC Systems:** Switching fans or small compressors. 3. **Industrial Automation:** PLC output modules. 4. **Power Supplies:** Inrush current protection or output switching. --- ## 4. Typical Wiring Diagram ```text [ Coil ] (Pin 1) (Pin 2) | | +--+-------+--+ | Magnetic | | Core | +-------------+ | (Common Pin) ----+ | (Normally Closed) <--- Default Position | (Normally Open) <--- Switched Position ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MH21FDG-R contacts?
    • ⤷ What is the difference between the 'FDG' and 'FDD' variants in this relay series?
    • ⤷ How do I calculate the flyback diode needed for this relay coil?