データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH22FDD-R

  • AI
    The **MH22FDD-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) used in human-machine interface panels. These are momentary push-button switches that provide physical feedback (a "click") when pressed. --- ### 1. Technical Specifications The following table outlines the general electrical and mechanical characteristics typical for the MH22 series tactile switches: | Characteristic | Specification | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Through-hole (DIP) or Surface Mount (depending on suffix) | | **Contact Rating** | 50mA, 12V DC (typical) | | **Contact Resistance** | ≤ 100 mΩ | | **Insulation Resistance** | ≥ 100 MΩ (at 100V DC) | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Travel distance** | 0.25mm ± 0.1mm | | **Life Expectancy** | 50,000 to 100,000 cycles | --- ### 2. Breakdown of the Model Name While manufacturers use proprietary naming schemes, the code **MH22FDD-R** generally breaks down as follows: * **MH22**: Represents the series or frame size (often referring to a specific footprint, e.g., 6x6mm or 12x12mm). * **F**: Often denotes the actuator height or plunger style (Flat). * **DD**: Usually refers to the terminal configuration or the internal material (e.g., Gold-plated vs. Silver-plated contacts). * **R**: Generally signifies "RoHS Compliant" or "Reel" packaging for automated assembly. --- ### 3. Internal Construction A tactile switch consists of four primary internal electronic/mechanical parts: 1. **The Cover (Top Plate):** Protects the internal dome and keeps the plunger in place. 2. **The Plunger:** The plastic part the user presses. 3. **The Contact Dome:** A metallic dome (usually stainless steel) that snaps downwards to complete the circuit and provides the "tactile" feel. 4. **The Base (Housing):** Contains the terminals and provides the structural frame for the switch. --- ### 4. Typical Applications These parts are found in virtually all consumer electronics that require user input: * **Computer Peripherals:** Keyboards, mice, and power buttons. * **Consumer Electronics:** Remote controls, microwaves, and washing machine panels. * **Industrial:** Reset buttons on PCBs and control interface modules.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MH22FDD-R series?
    • ⤷ Is the MH22FDD-R available in waterproof (IP67) versions?
    • ⤷ How do I interpret the 'DD' suffix in terms of terminal spacing?