データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH22FDG-R

  • AI
    The **MH22FDG-R** is a specific electronic component typically identified as a **Micro DC Motor with a built-in Encoder and Gearbox**. These are widely used in robotics, smart locks, and precision medical equipment where compact size and positional feedback are required. --- ### 1. Technical Specifications The following table outlines the general characteristics common to this specific series: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushed DC Micro Motor | | **Input Voltage** | Typically 3V - 12V DC (6V Nominal) | | **Gearbox Material** | Full Metal Gears (High Durability) | | **Feedback System** | Magnetic Hall Effect Encoder | | **Shaft Shape** | D-axis (for anti-slip mounting) | | **Weight** | ~15g - 25g (depending on gear ratio) | --- ### 2. Functional Sub-Systems The device is composed of three primary electronic and mechanical parts: #### A. The DC Motor Core The heart of the unit is a high-speed brushed DC motor. It converts electrical energy into mechanical rotation. * **Commutation:** Uses physical brushes to transfer current to the rotor. * **Control:** Speed is regulated via **Pulse Width Modulation (PWM)**. #### B. The Reduction Gearbox The "22" in the name often refers to the diameter (22mm) or a specific series size. * **Torque Multiplication:** Reduces the high RPM of the motor to provide usable torque. * **Ratio:** Available in various ratios (e.g., 1:30, 1:100) depending on the specific "-R" suffix variation. #### C. Hall Effect Encoder (The "FDG" Logic) This is the "smart" part of the motor. It provides real-time data to a microcontroller (like an Arduino or ESP32). * **Magnetic Disk:** A multi-pole magnet rotates with the motor shaft. * **Hall Sensors:** Two sensors detect the magnetic field changes, outputting two square waves (Phase A and Phase B). * **Quadrature Encoding:** Allows the controller to determine both **speed** and **direction** of rotation. --- ### 3. Pinout and Connection Standard wiring for this module usually involves a 6-pin JST connector: | Pin Number | Wire Color (Typical) | Function | | :--- | :--- | :--- | | 1 | Red | Motor Power (+) | | 2 | Black | Motor Power (-) | | 3 | Green | Encoder Ground (GND) | | 4 | Blue | Encoder VCC (3.3V - 5V) | | 5 | Yellow | Signal Phase A | | 6 | White | Signal Phase B | --- ### 4. Typical Applications * **Smart Home:** Automatic door locks and motorized curtains. * **Robotics:** Balancing robots or small AGVs (Automated Guided Vehicles) requiring precise travel distance. * **Industrial:** Miniature valve actuators and laboratory automation.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the RPM of this motor using the Hall encoder signals?
    • ⤷ What is the maximum torque capacity for the MH22FDG-R gearbox?
    • ⤷ Can I drive this motor directly from a microcontroller pin or do I need an H-bridge?