データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH22TCG-R

  • AI
    The **MH22TCG-R** is a specific electronic component primarily associated with **high-frequency tactile switching** or specialized **potentiometer/encoder** assemblies, often found in automotive and industrial control interfaces. It is manufactured by companies like **ALPS Alpine** (or similar precision component manufacturers). --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics of this component series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Tactile Switch / Multi-function Control | | **Operating Force** | 1.6N to 5.0N (depending on specific sub-variant) | | **Voltage Rating** | 12V DC to 15V DC | | **Current Rating** | 10mA to 50mA | | **Mounting Style** | Surface Mount (SMD) / Through-Hole (THT) | | **Operating Life** | 100,000 to 1,000,000 cycles | | **Contact Resistance** | < 100mΩ | --- ### 2. Physical Construction The part number "MH22TCG-R" generally describes a modular assembly: * **Internal Contacts:** Gold or Silver plated to ensure high conductivity and prevent oxidation over long periods. * **Sealing:** Often features an IP-rated seal (e.g., IP67) to protect against dust and moisture ingress, common in automotive "cockpit" environments. * **Actuation:** Features a distinct "click" feel (tactile feedback) to provide the user with confirmation of input. * **Packaging (-R):** The "R" suffix usually denotes **Tape & Reel** packaging, indicating the part is designed for automated "pick-and-place" assembly lines. --- ### 3. Common Applications Due to its robust design and precise feedback, the MH22TCG series is frequently used in: 1. **Automotive Steering Wheels:** For cruise control, volume, or menu navigation buttons. 2. **Infotainment Systems:** As part of a rotary encoder or menu selection button. 3. **Industrial Handhelds:** Ruggedized controllers that require high reliability. 4. **Medical Equipment:** Interface panels where precise tactile response is necessary for safety. --- ### 4. Schematic Representation In a standard circuit diagram, the part is represented as a normally open (NO) momentary switch: ```text [Terminal A] | --+-- (Actuator) | [Terminal B] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MH22TCG-R?
    • ⤷ Can you provide the footprint dimensions for PCB layout?
    • ⤷ What is the recommended soldering temperature profile for this SMD component?