データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH23FCG-R

  • AI
    The **MH23FCG-R** refers to a high-speed, 1.3μm uncooled Fabry-Perot (FP) Laser Diode module, typically manufactured by companies like Mitsubishi Electric. It is designed specifically for fiber-optic communication systems. --- ### 1. Technical Specifications The following table summarizes the key electronic and optical characteristics of the MH23FCG-R: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Wavelength** | 1310 nm | Operates in the O-band (1.3 μm range). | | **Laser Type** | Fabry-Perot (FP) | Utilizes a resonant cavity for light amplification. | | **Data Rate** | Up to 1.25 Gbps | Suitable for Gigabit Ethernet and STM-1/4/8 applications. | | **Operating Temp** | -40°C to +85°C | Industrial-grade temperature range (Uncooled). | | **Output Power** | 1.0 - 2.0 mW | Standard power output for short to medium reach. | | **Package Type** | TO-CAN / Pigtail | Often found in a 5.6mm TO-CAN or with a fiber pigtail. | --- ### 2. Core Electronic Components The module consists of several critical internal parts: * **InGaAsP LD Chip:** The "heart" of the component. An Indium Gallium Arsenide Phosphide laser diode chip that converts electrical current into light. * **Monitor Photodiode (MPD):** Integrated into the package to sense back-facet light. It provides feedback to the laser driver to maintain constant optical power (Automatic Power Control - APC). * **Aspherical Lens:** Used to focus the divergent laser beam into the optical fiber core with high efficiency. * **Hermetic Seal:** The TO-CAN package is nitrogen-filled and hermetically sealed to protect the semiconductor from moisture and oxidation. --- ### 3. Connection and Pinout While pin configurations can vary slightly by sub-model, a standard 4-pin TO-CAN layout for this type of laser typically includes: 1. **LD Cathode:** The negative terminal for the Laser Diode. 2. **LD Anode / PD Cathode:** Often shared as a common ground/case pin. 3. **PD Anode:** The output terminal for the monitor photodiode signal. 4. **Case Ground:** Ensures electromagnetic interference (EMI) shielding. --- ### 4. Typical Applications * **FTTH (Fiber to the Home):** Used in Optical Network Units (ONUs). * **Data Communications:** Gigabit Ethernet switches and routers. * **Telecommunications:** SONET/SDH interfaces for short-haul transmission.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating current for the MH23FCG-R?
    • ⤷ Does this module require a thermoelectric cooler (TEC)?
    • ⤷ How does the monitor photodiode help in Automatic Power Control circuits?