データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH23TBD-R

  • AI
    Based on available technical specifications, the **MH23TBD-R** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specific **Integrated Motor Driver** assembly used in industrial automation. Below is a breakdown of the electronic parts and functional characteristics associated with this series. --- ## 1. Core Component Breakdown | Component Type | Description | | :--- | :--- | | **Motor Type** | 3-Phase Brushless DC (BLDC) motor with high torque density. | | **Sensing Element** | Hall Effect Sensors (typically 3) for rotor position feedback. | | **Commutation** | Electronic commutation (requires an external or integrated driver). | | **Rotor Material** | Rare-earth permanent magnets (typically Neodymium). | --- ## 2. Electrical Specifications While specific data can vary by the exact manufacturer (often Nidec or Moons'), the "23" in the part number usually refers to the **NEMA 23** frame size. ### Key Technical Parameters: * **Voltage Range:** Typically 24V to 48V DC. * **Phase Resistance:** Low resistance for high-efficiency operation. * **Insulation Class:** Class B (130°C) or higher. * **Lead Wires:** Usually consists of 8 wires (3 for motor phases, 5 for Hall sensors: Vcc, Ground, and 3 signals). --- ## 3. Electronic Architecture The system functions through the interaction of these electronic sub-parts: ### A. The Stator Windings The electronic portion of the stator consists of copper windings arranged in a 3-phase configuration (Delta or Wye). These windings receive pulsed current from the controller to create a rotating magnetic field. ### B. Hall Effect Sensor Board Inside the rear housing, a small PCB contains Hall Effect ICs. These sensors detect the magnetic polarity of the rotor and send digital signals to the driver to ensure the correct phase is energized at the correct time. ### C. Connection Interface * **Power Leads:** Thick gauge wire for Phase A, B, and C. * **Signal Leads:** Thin gauge wire for +5V (Sensor Power), GND, and phases U, V, W (Hall output). --- ## 4. Typical Applications Due to the NEMA 23 form factor and the electronic feedback system, the MH23TBD-R is used in: 1. **CNC Machinery:** For precise axis movement. 2. **Medical Equipment:** High-speed centrifuges or pumps. 3. **Robotics:** Actuators requiring high torque-to-weight ratios. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the Hall sensors in the MH23 series?
    • ⤷ Can this motor be used with a standard Stepper motor driver?
    • ⤷ What are the torque ratings for the MH23TBD-R?