データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH24FCD-R

  • AI
    The **MH24FCD-R** is an electronic component primarily classified as an **electromagnetic buzzer** (specifically a continuous tone transducer). These parts are widely used in automotive, industrial, and consumer electronics to provide audible feedback. --- ### 1. Technical Specifications The following table summarizes the typical electronic characteristics of the MH24FCD-R series: | Parameter | Value/Specification | | :--- | :--- | | **Type** | Electromagnetic / Magnetic | | **Rated Voltage** | 24V DC | | **Operating Voltage** | 15V – 28V DC | | **Current Consumption** | Max 30mA (at rated voltage) | | **Sound Output (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2,300Hz ± 300Hz | | **Tone Type** | Continuous | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Physical Construction The "R" suffix often indicates compliance with environmental standards or a specific mounting orientation. * **Housing:** Usually made of PPO (Polyphenylene Oxide) or ABS plastic, designed to withstand high-temperature soldering processes. * **Terminals:** PCB-mount pins (through-hole). These are polarized, meaning they have a positive (+) and negative (-) terminal. * **Dimensions:** Typically circular with a diameter of roughly 12mm and a height of 9.5mm (though this can vary slightly by manufacturer). --- ### 3. Operating Principle Unlike a piezo buzzer (which uses a ceramic crystal), the **MH24FCD-R electromagnetic buzzer** operates using: 1. **Internal Circuitry:** It contains a built-in oscillating circuit. 2. **Electromagnet:** When DC power is applied, the circuit drives a voice coil. 3. **Vibrating Disk:** The magnetic field interacts with a metal diaphragm, causing it to vibrate at a high frequency and produce sound. --- ### 4. Common Applications * **Industrial Controls:** Status indicators for PLC systems. * **Automotive:** Warning chimes for seatbelts or reverse sensors. * **Appliances:** End-of-cycle alerts for washing machines or ovens. * **Security:** Entry/Exit delay beeps for alarm panels. --- ### 5. Implementation Example To drive this part with a microcontroller (like an Arduino), you cannot power it directly from an I/O pin due to the 24V requirement. A switching transistor is necessary. ```cpp // Schematic Concept: // Digital Pin -> 1k Resistor -> Base of NPN Transistor (e.g., PN2222) // Collector -> Negative terminal of MH24FCD-R // Positive terminal of MH24FCD-R -> +24V Supply void setup() { pinMode(8, OUTPUT); // Buzzer Control Pin } void loop() { digitalWrite(8, HIGH); // Buzzer ON delay(1000); digitalWrite(8, LOW); // Buzzer OFF delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 24V magnetic buzzer and a piezo buzzer?
    • ⤷ Can the MH24FCD-R be used with a 12V power supply?
    • ⤷ What protective components are needed to prevent back-EMF damage?