データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH26FBD-R

  • AI
    The **MH26FBD-R** is an electronic component primarily classified as a **Crystal Oscillator** or a high-frequency clock source. These components are essential in providing a stable timing signal for microprocessors and digital circuits. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for the MH26 series, here are the general technical parameters associated with this part: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator | | **Package Type** | Surface Mount Device (SMD) | | **Output Type** | CMOS / HCMOS | | **Supply Voltage** | 3.3V (Typical) | | **Frequency Range** | 1 MHz to 100+ MHz (Depending on specific batch) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25ppm to ±50ppm | --- ### 2. Functional Description The MH26FBD-R operates by utilizing the **Piezoelectric Effect**. When a voltage is applied to the internal quartz crystal, it vibrates at a specific frequency. The internal IC then converts these vibrations into a clean square-wave signal that the rest of the electronic system uses to synchronize data processing. ### 3. Application Areas This specific part is often found in devices requiring compact timing solutions: * **Networking Gear:** Routers, switches, and modems. * **Industrial Controls:** Automation systems and PLC modules. * **Consumer Electronics:** Smart home devices and portable media players. * **IoT Modules:** Providing the clock reference for wireless communication (Wi-Fi/Bluetooth). --- ### 4. Part Number Breakdown (General) While naming conventions vary by manufacturer (often associated with brands like *Microchip* or *TXC*), the suffix **"-R"** usually denotes: 1. **RoHS Compliance:** The part is lead-free and environmentally compliant. 2. **Tape & Reel:** The packaging format intended for automated pick-and-place assembly machines. --- ### 5. Troubleshooting and Usage If you are designing with or repairing a board containing this part: * **Orientation:** Ensure the "Dot" or notch on the package matches the Pin 1 marker on the PCB. * **Bypass Capacitor:** Place a 0.01µF to 0.1µF ceramic capacitor near the $V_{CC}$ pin to minimize noise. * **Signal Integrity:** Keep the output trace as short as possible to avoid electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency rating for your MH26FBD-R variant?
    • ⤷ Can you provide the manufacturer name listed on the component housing?
    • ⤷ Are you looking for a pin-compatible alternative for this oscillator?