MH26TCG-R
AI

The **MH26TCG-R** is an electronic component primarily classified as a **High-Frequency SAW (Surface Acoustic Wave) Filter**. It is commonly utilized in wireless communication infrastructure to manage signal integrity and isolate specific frequency bands.
### 1. General Specifications
The following table outlines the typical technical parameters for this class of component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SAW Filter (Surface Acoustic Wave) |
| **Frequency Range** | 2.5 GHz - 2.7 GHz (Typical for TC-Series) |
| **Bandwidth** | Narrowband / Wideband variants available |
| **Insertion Loss** | Low (Typically < 3.0 dB) |
| **Input/Output Impedance** | 50 Ohms |
| **Package Type** | SMD (Surface Mount Device) |
---
### 2. Functional Description
The MH26TCG-R functions as a "gatekeeper" for radio frequency (RF) signals. Its primary roles include:
* **Band-Pass Filtering:** It allows signals within a specific frequency range (the passband) to pass through with minimal loss while heavily attenuating (blocking) signals outside that range.
* **Noise Reduction:** By filtering out out-of-band interference, it improves the Signal-to-Noise Ratio (SNR) for the receiver circuit.
* **Selectivity:** In high-density signal environments (like 4G/5G base stations), it ensures that the device only processes the intended channel.
### 3. Key Electronic Characteristics
* **Temperature Compensation (TC):** The "TC" in the part number often indicates Temperature Compensation. This means the filter is designed to maintain frequency stability even when the operating temperature of the device fluctuates significantly.
* **Piezoelectric Material:** The internal substrate uses piezoelectric crystals (like Lithium Tantalate or Lithium Niobate) to convert electrical signals into mechanical acoustic waves and back again.
* **Compact Footprint:** Designed for modern PCB layouts where space is at a premium, usually featuring a ceramic LCC (Leadless Chip Carrier) package.
### 4. Common Applications
1. **Telecommunications Infrastructure:** Used in Macro Cells and Small Cells for LTE and 5G networks.
2. **RF Front-End Modules:** Integrated into the signal chain between the antenna and the transceiver.
3. **Satellite Communications:** Managing specific uplink/downlink frequency bands.
---
- ⤷
What is the difference between a SAW filter and a BAW filter?
- ⤷ How does temperature compensation improve the performance of this component?
- ⤷ What are the typical mounting requirements for SMD SAW filters?