データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH28FAD-R

  • AI
    The **MH28FAD-R** is an electronic component primarily classified as a **Buzzer** or **Acoustic Transducer**. Specifically, it is a magnetic (electromagnetic) buzzer designed for surface mount or through-hole applications, often used in automotive, industrial, and consumer electronics to provide audible feedback. --- ## 1. Technical Specifications The "MH" series typically denotes a high-reliability magnetic buzzer. Below are the standard electronic parameters associated with this part: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Rated Voltage** | 1.5 - 12 | VDC | | **Operating Voltage** | 1.0 - 15 | VDC | | **Rated Current** | Max 30 - 80 | mA | | **Sound Pressure Level (SPL)** | Min 85 | dB @ 10cm | | **Resonant Frequency** | 2400 ± 300 | Hz | | **Coil Resistance** | 40 - 140 | Ω | | **Operating Temperature** | -40 to +85 | °C | --- ## 2. Key Internal Components The MH28FAD-R functions using the principle of electromagnetism. Its internal architecture consists of: 1. **Electromagnet (Coil):** A copper wire coil wrapped around a soft iron core. When current flows through it, it generates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A thin metal plate (usually ferromagnetic). The fluctuating magnetic field pulls and releases this plate, causing it to vibrate at a high frequency. 4. **Housing (Case):** Usually made of high-temperature resistant plastic (PPS or PBT) to allow for wave or reflow soldering. --- ## 3. Circuit Integration Unlike "active" buzzers, this component is often **passive**, meaning it requires an external oscillating signal (square wave) to produce sound. ### Example Driving Circuit To drive the MH28FAD-R from a microcontroller (like an Arduino or ESP32), a transistor is required because the buzzer's current draw exceeds the MCU's GPIO limit. ```cpp // Example: Driving a MH28FAD-R (Passive) int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2400); // Send 2.4kHz square wave delay(500); noTone(buzzerPin); delay(500); } ``` --- ## 4. Common Applications * **Automotive:** Dashboard alerts, parking sensor "beeps," or seatbelt reminders. * **Consumer Electronics:** Microwave timers, washing machine cycle ends, and alarm clocks. * **Medical Devices:** Low battery alerts or error notifications in portable monitors. * **Industrial:** Control panel status indicators. --- ## 5. Selection Considerations * **Driving Type:** Ensure your circuit can provide the required frequency (2400Hz is the peak efficiency). * **Mounting:** Check if your PCB requires the **R** (Right Angle) or SMD variant. * **Washability:** Many MH series buzzers come with a "wash label" on top. This must be removed *after* the board washing process to allow sound to escape.
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and passive buzzer in this series?
    • ⤷ How do I calculate the flyback diode needed for this magnetic buzzer?
    • ⤷ What is the decibel drop-off rate for the MH28FAD-R over distance?