データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH28FBG-R

  • AI
    The **MH28FBG-R** is a specific model of a **Compact High-Voltage Power Supply Module**, primarily manufactured by companies like Matsusada Precision. These modules are designed for high-precision applications requiring stable high-voltage DC output in a small form factor. --- ### 1. Key Technical Specifications Below are the typical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | +12V or +24V DC (Model dependent) | | **Output Voltage** | 0 to 2.8kV (2800V) | | **Output Current** | 350µA to 500µA (Approximate) | | **Polarity** | Fixed (Positive or Negative, indicated by suffix) | | **Control Interface** | Analog (via Control Voltage) | | **Mounting Type** | PCB Mount / Through-hole | --- ### 2. Functional Electronic Components Internally, the MH28FBG-R consists of several critical stages that convert low-voltage DC to high-voltage DC: 1. **DC-DC Converter Stage:** Utilizes a high-frequency switching regulator to convert the input voltage into a high-frequency AC signal. 2. **Voltage Multiplier (Cockcroft-Walton Cascade):** A network of high-voltage capacitors and diodes that rectifies and multiplies the AC signal to reach the 2.8kV threshold. 3. **Feedback Control Loop:** A precision voltage divider that monitors the output and compares it to the input control signal, ensuring stability against load changes. 4. **Protection Circuitry:** Includes components for **Short Circuit Protection** and **Arc Protection**, preventing damage if the output is grounded suddenly. --- ### 3. Pin Configuration (Typical) Most modules in this series utilize a standard pinout for integration into a PCB: * **Vcc:** Power input (e.g., +24V). * **V-con:** Voltage control input (0V to 5V or 10V determines the HV output). * **V-mon:** Monitor output (provides a low-voltage signal proportional to the HV output). * **GND:** Common ground. * **HV Out:** The high-voltage lead or pin. --- ### 4. Common Applications These modules are used in specialized electronic equipment where space is limited but high precision is required: * **Photomultiplier Tubes (PMT):** Providing the bias voltage for light detection. * **Electrostatic Chucks:** Used in semiconductor manufacturing. * **Mass Spectrometry:** For ion acceleration. * **Ultrasonic Transducers:** High-voltage pulse generation. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the MH28FBG-R?
    • ⤷ Does this model feature positive or negative output polarity?
    • ⤷ Are there specific cooling requirements for this high-voltage module?