データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH28TCD-R

  • AI
    The **MH28TCD-R** is a specific model of a **Miniature Magnetic Buzzer** (or Magnetic Transducer) often used in consumer electronics, medical devices, and automotive alerts. It is designed to convert electrical signals into audible sound through electromagnetic induction. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the MH28TCD-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Rated Voltage** | 3.0V - 12V DC (depending on circuit) | | **Operating Voltage** | 1.0V ~ 15.0V DC | | **Current Consumption** | Max 30mA - 40mA | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2,400 Hz ± 300Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (Pins) | --- ### 2. Internal Electronic Construction The device consists of several critical electronic and mechanical components: * **The Coil:** A copper wire winding that creates a magnetic field when current passes through it. * **The Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. * **The Diaphragm:** A flexible metal plate (usually iron or steel) that is attracted and released rapidly, creating sound waves. * **The Housing:** Usually made of PBT (Polybutylene Terephthalate) or similar heat-resistant plastic to protect the internal components. --- ### 3. Circuit Integration Unlike "active" buzzers that beep as soon as power is applied, the **MH28TCD-R** is typically a **passive transducer**. This means: 1. **Requirement:** It requires an external oscillating signal (PWM - Pulse Width Modulation) to function. 2. **Driving Circuit:** It is often driven using a NPN transistor or a MOSFET because the current draw (approx. 30mA) is often too high for a direct microcontroller (MCU) pin. ```cpp // Example: Driving the buzzer with an Arduino void setup() { pinMode(9, OUTPUT); // Buzzer connected to PWM Pin 9 } void loop() { tone(9, 2400); // Send 2400Hz signal delay(500); // Beep for 0.5 seconds noTone(9); // Stop delay(500); } ``` --- ### 4. Application Areas * **Household Appliances:** Microwave ovens, washing machines, and air conditioners. * **Security Systems:** Keypad entry confirmation or low-battery alerts. * **Industrial Controls:** Status indicators for PLCs or control panels. * **Medical Equipment:** Heart rate monitors or diagnostic tool alerts.
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and passive buzzer like the MH28TCD-R?
    • ⤷ Can I drive the MH28TCD-R directly from a 5V microcontroller pin?
    • ⤷ How do I calculate the resistor value for a transistor driving circuit for this buzzer?