データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH33FDD-R

  • AI
    The **MH33FDD-R** is a specific type of **Rotary Pulse Switch** (also known as a Rotary Encoder) manufactured by companies like **Forward Electronics** or **Mitsumi**. These components are widely used in consumer electronics for volume control, menu navigation, and parameter adjustment. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics of the MH33FDD-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Output Type** | 2-bit Gray Code (A and B phases) | | **Resolution** | Usually 12, 24, or 30 pulses per rotation | | **Rated Voltage** | 5V DC | | **Rated Current** | 10mA (Resistive load) | | **Insulation Resistance** | 100MΩ Min at 250V DC | | **Contact Resistance** | 1Ω Max (Initial) | | **Rotational Life** | 30,000 to 100,000 cycles | --- ## 2. Pin Configuration and Internal Logic The MH33FDD-R typically features a 3-pin or 5-pin layout (if it includes an integrated push-button switch). ### Basic Pinout (3-Pin) 1. **Terminal A:** Phase A Output. 2. **Terminal C:** Common (Ground). 3. **Terminal B:** Phase B Output. ### How it Works As the shaft rotates, the internal brushes make and break contact with a circular PCB. This generates two square wave signals (A and B). * **Clockwise (CW):** Phase A leads Phase B by 90°. * **Counter-Clockwise (CCW):** Phase B leads Phase A by 90°. --- ## 3. Application Circuit To interface this part with a microcontroller (like an Arduino or STM32), you typically need **pull-up resistors** and a basic **RC filter** to handle "contact bounce." ```cpp // Example: Basic Arduino Pin Setup for MH33FDD-R const int pinA = 2; // Terminal A const int pinB = 3; // Terminal B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } void loop() { // Logic to detect Phase A transition and compare against Phase B } ``` --- ## 4. Key Features & Use Cases * **Detent Mechanism:** The "FDD" in the part number often signifies a specific "feel" or detent (click) count, providing tactile feedback to the user. * **Vertical/Horizontal Mounting:** These are designed for through-hole mounting on PCBs. * **Applications:** * Audio equipment (Hi-Fi volume knobs). * Automotive dashboard controls. * Microwave timers. * Industrial instrumentation panels.
    ✨ Follow-up Questions
    • ⤷ Does the MH33FDD-R model include an integrated momentary push-button?
    • ⤷ What is the recommended debouncing circuit for this specific encoder?
    • ⤷ What are the mechanical dimensions for PCB layout footprints?